Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC86PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHC86PW
Description  Quad 2-input EXCLUSIVE-OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC86PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC86PW Datasheet HTML 3Page - NXP Semiconductors 74AHC86PW Datasheet HTML 4Page - NXP Semiconductors 74AHC86PW Datasheet HTML 5Page - NXP Semiconductors 74AHC86PW Datasheet HTML 6Page - NXP Semiconductors 74AHC86PW Datasheet HTML 7Page - NXP Semiconductors 74AHC86PW Datasheet HTML 8Page - NXP Semiconductors 74AHC86PW Datasheet HTML 9Page - NXP Semiconductors 74AHC86PW Datasheet HTML 10Page - NXP Semiconductors 74AHC86PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74AHC_AHCT86_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 15 November 2007
7 of 14
NXP Semiconductors
74AHC86; 74AHCT86
Quad 2-input EXCLUSIVE-OR gate
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz, fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
For type 74AHCT86
tpd
propagation
delay
nA, nB to nY; see Figure 6
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.4
6.9
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
4.9
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-
12.0
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; For test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay input (nA, nB) to output (nY)
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL
Table 8.
Measurement points
Type
Input
Output
VM
VM
74AHC86
0.5VCC
0.5VCC
74AHCT86
1.5 V
0.5VCC


Similar Part No. - 74AHC86PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC86PW PHILIPS-74AHC86PW Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
logo
Nexperia B.V. All right...
74AHC86PW NEXPERIA-74AHC86PW Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHC86PW-Q100 NEXPERIA-74AHC86PW-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC86PWDH PHILIPS-74AHC86PWDH Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
More results

Similar Description - 74AHC86PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com