Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT08 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT08
Description  Quad 2-input AND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT08 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT08 Datasheet HTML 1Page - NXP Semiconductors 74AHCT08 Datasheet HTML 2Page - NXP Semiconductors 74AHCT08 Datasheet HTML 3Page - NXP Semiconductors 74AHCT08 Datasheet HTML 4Page - NXP Semiconductors 74AHCT08 Datasheet HTML 5Page - NXP Semiconductors 74AHCT08 Datasheet HTML 6Page - NXP Semiconductors 74AHCT08 Datasheet HTML 7Page - NXP Semiconductors 74AHCT08 Datasheet HTML 8Page - NXP Semiconductors 74AHCT08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74AHC_AHCT08_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 14 November 2007
2 of 14
NXP Semiconductors
74AHC08; 74AHCT08
Quad 2-input AND gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna222
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
mna223
3
&
&
&
&
2
1
6
5
4
8
10
9
11
13
12
mna221
A
B
Y
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
08
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aac945
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac946
08
GND(1)
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area


Similar Part No. - 74AHCT08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT08 PHILIPS-74AHCT08 Datasheet
73Kb / 16P
   Quad 2-input AND gate
1999 Sep 24
74AHCT08 NXP-74AHCT08 Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
74AHCT08 NXP-74AHCT08 Datasheet
91Kb / 14P
   Quad 2-input AND gate Rev. 03 ??14 November 2007
Rev. 03-14 November 2007
logo
Diodes Incorporated
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
logo
Nexperia B.V. All right...
74AHCT08 NEXPERIA-74AHCT08 Datasheet
229Kb / 12P
   Quad 2-input AND gate
Rev. 4 - 26 May 2020
More results

Similar Description - 74AHCT08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com