Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA90CA Datasheet(PDF) 2 Page - Littelfuse

Part # 30KPA90CA
Description  Transient Voltage Suppression Diodes Axial Leaded - 30000W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30KPA90CA Datasheet(HTML) 2 Page - Littelfuse

  30KPA90CA Datasheet HTML 1Page - Littelfuse 30KPA90CA Datasheet HTML 2Page - Littelfuse 30KPA90CA Datasheet HTML 3Page - Littelfuse 30KPA90CA Datasheet HTML 4Page - Littelfuse 30KPA90CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100
www.littelfuse.com
©2007 Littelfuse
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
30KPA Series
Axial Leaded – 30000W
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Peak
Pulse Current
I
pp (A)
Maximum
Reverse
Leakage
I
R @VR
(μ A)
Maximum
Clamping
Voltage
V
C @ IPP
(V)
Agency
Approval
MIN
30KPA28A
30KPA28CA
28
31.28
50
606.0
5000
50.0
X
30KPA30A
30KPA30CA
30
33.51
50
548.9
5000
55.2
X
30KPA33A
30KPA33CA
33
36.90
50
517.9
5000
58.5
X
30KPA36A
30KPA36CA
36
40.20
50
490.3
5000
61.8
X
30KPA39A
30KPA39CA
39
43.60
20
450.9
2000
67.2
X
30KPA42A
30KPA42CA
42
46.90
10
420.8
1000
72.0
X
30KPA43A
30KPA43CA
43
48.00
10
415.1
1000
73.0
X
30KPA45A
30KPA45CA
45
50.30
5
391.5
250
77.4
X
30KPA48A
30KPA48CA
48
53.60
5
371.3
150
81.6
X
30KPA51A
30KPA51CA
51
57.00
5
350.7
50
86.4
X
30KPA54A
30KPA54CA
54
60.30
5
331.5
20
91.4
X
30KPA58A
30KPA58CA
58
64.80
5
327.9
20
92.4
X
30KPA60A
30KPA60CA
60
67.00
5
297.1
15
102.0
X
30KPA64A
30KPA64CA
64
71.50
5
291.3
10
104.0
X
30KPA66A
30KPA66CA
66
73.70
5
283.2
2
107.0
X
30KPA70A
30KPA70CA
70
78.20
5
278.0
2
109.0
X
30KPA71A
30KPA71CA
71
79.30
5
271.7
2
111.5
X
30KPA72A
30KPA72CA
72
80.40
5
265.8
2
114.0
X
30KPA75A
30KPA75CA
75
83.80
5
253.8
2
119.4
X
30KPA78A
30KPA78CA
78
87.10
5
234.9
2
129.0
X
30KPA84A
30KPA84CA
84
93.80
5
217.7
2
139.2
X
30KPA90A
30KPA90CA
90
100.50
5
207.0
2
146.4
X
30KPA96A
30KPA96CA
96
107.20
5
194.2
2
156.0
X
30KPA102A
30KPA102CA
102
113.90
5
183.0
2
165.6
X
30KPA108A
30KPA108CA
108
120.60
5
172.9
2
175.2
X
30KPA120A
30KPA120CA
120
134.00
5
155.9
2
194.4
X
30KPA132A
30KPA132CA
132
147.40
5
142.3
2
213.0
X
30KPA144A
30KPA144CA
144
160.80
5
135.8
2
223.2
X
30KPA150A
30KPA150CA
150
167.60
5
129.8
2
233.4
X
30KPA156A
30KPA156CA
156
174.30
5
123.7
2
245.0
X
30KPA160A
30KPA160CA
160
178.70
5
120.0
2
252.6
X
30KPA168A
30KPA168CA
168
187.70
5
111.2
2
272.4
X
30KPA170A
30KPA170CA
170
189.90
5
110.2
2
275.0
X
30KPA180A
30KPA180CA
180
201.10
5
104.3
2
290.4
X
30KPA198A
30KPA198CA
198
221.20
5
94.7
2
319.8
X
30KPA216A
30KPA216CA
216
241.30
5
86.9
2
348.6
X
30KPA240A
30KPA240CA
240
268.10
5
78.3
2
387.0
X
30KPA258A
30KPA258CA
258
288.20
5
72.8
2
416.4
X
30KPA260A
30KPA260CA
260
290.40
5
72.8
2
416.0
X
30KPA270A
30KPA270CA
270
301.60
5
69.5
2
436.2
X
30KPA280A
30KPA280CA
280
312.80
5
65.3
2
464.0
X
30KPA288A
30KPA288CA
288
321.70
5
64.5
2
469.9
X
For bidirectional type having V
RWM of 60 volts and less, the IR limit is double.
For parts without A , the V
BR is ± 10%.


Similar Part No. - 30KPA90CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
30KPA90CA TAITRON-30KPA90CA Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Littelfuse
30KPA90CA LITTELFUSE-30KPA90CA Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
logo
MDE Semiconductor, Inc.
30KPA90CA MDE-30KPA90CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
30KPA90CA ANOVA-30KPA90CA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Littelfuse
30KPA90CA LITTELFUSE-30KPA90CA Datasheet
138Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 30KPA90CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
HuaXinAn Electronics CO...
30KPA28CA HUAXINAN-30KPA28CA Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com