Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA822IDG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # VCA822IDG4
Description  Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA822IDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VCA822IDG4 Datasheet HTML 3Page - Texas Instruments VCA822IDG4 Datasheet HTML 4Page - Texas Instruments VCA822IDG4 Datasheet HTML 5Page - Texas Instruments VCA822IDG4 Datasheet HTML 6Page - Texas Instruments VCA822IDG4 Datasheet HTML 7Page - Texas Instruments VCA822IDG4 Datasheet HTML 8Page - Texas Instruments VCA822IDG4 Datasheet HTML 9Page - Texas Instruments VCA822IDG4 Datasheet HTML 10Page - Texas Instruments VCA822IDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V, AVMAX = +2V/V
3
0
-3
-6
-9
-12
-15
-18
Frequency(Hz)
1M
10M
100M
1G
A
=2V/V
V
=1V
R =100W
VMAX
IN
PP
L
V
=1V
G
V
=0V
G
3
0
-3
-6
-9
-12
-15
-18
Frequency(Hz)
1M
10M
100M
1G
V
=2V
O
PP
V
=1V
O
PP
V
=5V
O
PP
V
=7V
O
PP
400
300
200
100
0
-100
-200
-300
Time(10ns/div)
V
IN
PP
=250mV
f=20MHz
4
3
2
1
0
-1
-2
-3
Time(10ns/div)
V
IN
PP
=2.5V
f=20MHz
0
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.40
-0.45
-0.50
Frequency(MHz)
0
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.40
-0.45
-0.50
0
10
20
30
40
50
A
VMAX
=+2V/V
V
=+1V
G
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
NumberofVideoLoads
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
1
2
3
4
-dP
V
=1V
G
-dP
V
=0V
G
-dG
V
=1V
G
-dG
V
=0V
G
VCA822
SBOS343A – SEPTEMBER 2007 – REVISED OCTOBER 2007
At TA = +25°C, RL = 100Ω, RF = 1.33kΩ, RG = 1.33kΩ, VG = +1V, VIN = single-ended input on +VIN with –VIN at ground, and
SO-14 package, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 14.
Figure 15.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 16.
Figure 17.
COMPOSITE VIDEO dG/dP
GAIN FLATNESS, DEVIATION FROM LINEAR PHASE
Figure 18.
Figure 19.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): VCA822


Similar Part No. - VCA822IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA822 TI1-VCA822 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA822IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com