Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA822IDGSR Datasheet(PDF) 1 Page - Texas Instruments

Part # VCA822IDGSR
Description  Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA822IDGSR Datasheet(HTML) 1 Page - Texas Instruments

  VCA822IDGSR Datasheet HTML 1Page - Texas Instruments VCA822IDGSR Datasheet HTML 2Page - Texas Instruments VCA822IDGSR Datasheet HTML 3Page - Texas Instruments VCA822IDGSR Datasheet HTML 4Page - Texas Instruments VCA822IDGSR Datasheet HTML 5Page - Texas Instruments VCA822IDGSR Datasheet HTML 6Page - Texas Instruments VCA822IDGSR Datasheet HTML 7Page - Texas Instruments VCA822IDGSR Datasheet HTML 8Page - Texas Instruments VCA822IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
BurrBrown Products
from Texas Instruments
VCA822
VCA822
1
FEATURES
DESCRIPTION
APPLICATIONS
R
F
+V
IN
R
G+
R
G-
-VIN
FB
R
S
20W
V
IN1
VCA822
R
G
R
1
C
1
R
S
V
IN2
R
L
C
L
V
OUT
9
6
-24
Frequency(Hz)
1M
1G
3
-21
-3
0
100M
10M
-18
-15
-12
-9
-6
InitialFrequencyResponse
ofVCA822withRCLoad
EqualizedFrequency
Response
R =75
C =100pF
W
L
F
VCA822
SBOS343A – SEPTEMBER 2007 – REVISED OCTOBER 2007
Wideband, > 40dB Gain Adjust Range, Linear in V/V
VARIABLE GAIN AMPLIFIER
23
• 150MHz SMALL-SIGNAL BANDWIDTH
The VCA822 is a dc-coupled, wideband, linear in V/V,
(G = +10V/V)
continuously
variable,
voltage-controlled
gain
• 137MHz, 5V
PP BANDWIDTH (G = +10V/V)
amplifier.
It
provides
a
differential
input
to
• 0.1dB GAIN FLATNESS to 28MHz
single-ended conversion with a high-impedance gain
• 1700V/µs SLEW RATE
control input used to vary the gain down 40dB from
the nominal maximum gain set by the gain resistor
• > 40dB GAIN ADJUST RANGE
(RG) and feedback resistor (RF).
• HIGH GAIN ACCURACY: 20dB ±0.3dB
The VCA822 internal architecture consists of two
• HIGH OUTPUT CURRENT: ±160mA
input buffers and an output current feedback amplifier
stage integrated with a multiplier core to provide a
complete variable gain amplifier (VGA) system that
• DIFFERENTIAL LINE RECEIVERS
does not require external buffering. The maximum
• DIFFERENTIAL EQUALIZERS
gain is set externally with two resistors, providing
flexibility in designs. The maximum gain is intended
• PULSE AMPLITUDE COMPENSATION
to be set between +2V/V and +100V/V. Operating
• VARIABLE ATTENUATORS
from ±5V supplies, the gain control voltage for the
• VOLTAGE-TUNABLE ACTIVE FILTERS
VCA822 adjusts the gain linearly in V/V as the control
• DROP-IN UPGRADE TO LMH6503
voltage varies from +1V to –1V. For example, set for
a maximum gain of +10V/V, the VCA822 provides
10V/V, at +1V input, to 0.1V/V at –1V input of gain
control range. The VCA822 offers excellent gain
linearity.
For
a
20dB
maximum
gain,
and
a
gain-control input voltage varying between 0V and
1V, the gain does not deviate by more than ±0.3dB
(maximum at +25
°C).
Table 1. VCA822 RELATED PRODUCTS
GAIN
ADJUST
INPUT
SIGNAL
RANGE
NOISE
BANDWIDTH
Figure 1. Differential Equalizer
SINGLES
DUALS
(dB)
(nV/
√Hz)
(MHz)
VCA810
80
2.4
35
VCA2612
45
1.25
80
VCA2613
45
1
80
VCA2615
52
0.8
50
VCA2617
48
4.1
50
VCA820
40
8.2
150
VCA821
40
7.0
420
VCA822
40
8.2
150
VCA824
40
7.0
420
Figure 2. Differential Equalization of an RC Load
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
X2Y is a trademark of X2Y Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - VCA822IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA822 TI1-VCA822 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA822IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com