Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8958A Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM8958A
Description  8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958A Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM8958A Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8958A Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SyncMOS Technologies International, Inc.
SM8958A
8-Bits Micro-controller
With 32KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1
SM8958A
08/2006
9
1.3 I/O Pin Configuration
The ports 1, 2 and 3 of standard 8051 have internal pull-up resistor, and port 0 has open-drain outputs. Each I/O pin
can be used independently as an input or an output. For I/O ports to be used as an input pin, the port bit latch must
contain a ‘1’ which turns off the output driver FET. Then for port 1, 2 and 3 port pin is pulled high by a weak internal
pull-up, and can be pulled low by an external source. The port 0 has open-drain outputs which means its pull-ups are
not active during normal port operation. Writing ‘1’ to the port 0 bit latch will causing bit floating so that it can be used as
a high-impedance input.
The port 4 used as GPIO will has the same function as port 1, 2 and 3.
2. Port 4 for PLCC or QFP package :
The bit addressable port 4 is available with PLCC or QFP package. The port 4 has only 4 pins and its port address is
located at 0D8H. The function of port 4 is the same as the function of port 1, port 2 and port 3.
Port4 (P4, $D8)
bit-7
bit-0
Unused
Unused
Unused
Unused
P4.3
P4.2
P4.1
P4.0
Read / Write:
-
-
-
-
R/W
R/W
R/W
R/W
Reset value:
*
*
*
*
1
1
1
1
The bit 3, bit 2, bit 1, bit 0 output the setting to pin P4.3, P4.2, P4.1, P4.0 respectively.
3.Watch Dog Timer
The Watch Dog Timer (WDT) is a 16-bit free-running counter that generate reset signal if the counter overflows. The
WDT is useful for systems which are susceptible to noise, power glitches, or electronics discharge which causing
software dead loop or runaway. The WDT function can help user software recover from abnormal software condition.
The WDT is different from Timer0, Timer1 and Timer2 of general 8052. To prevent a WDT reset can be done by
software periodically clearing the WDT counter. User should check WDR bit of SCONF register whenever un-predicted
reset happened
The purpose of the secure procedure is to prevent the WDTC value from being changed when system runaway.


Similar Part No. - SM8958A

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM8958AC25 SYNCMOS-SM8958AC25 Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM8958AC40 SYNCMOS-SM8958AC40 Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM8958AL25 SYNCMOS-SM8958AL25 Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results

Similar Description - SM8958A

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com