Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8952AL25 Datasheet(PDF) 7 Page - SyncMOS Technologies,Inc

Part # SM8952AL25
Description  8-Bits Micro-controller With 4/8KB flash embedded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8952AL25 Datasheet(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM8952AL25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8952AL25 Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SyncMOS Technologies International, Inc.
SM8951A/8952A
8-Bits Micro-controller
With 4/8KB flash embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1
SM8951A/8952A 08/2006
7
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
-40
25
85
Ambient temperature under bias
VCC5
Supply voltage
4.5
5.0
5.5
V
For C Version
VCC3
Supply voltage
3
3.3
3.6
V
For L Version
Fosc 25
Oscillator Frequency
3.0
25
25
MHz
For 5V, 3.3V application
Fosc 40
Oscillator Frequency
3.0
40
40
MHz
For 5V application
DC Characteristics
(TA = -40 degree C to 85 degree C, Vcc = 3.0V to 5.5V)
Symbol
Parameter
Valid
Min.
Max.
Unit
Test Conditions
VIL1
Input Low Voltage
port 0,1,2,3,#EA
-0.5
0.8
V
VIL2
Input Low Voltage
RES, XTAL1
00.8
V
VIH1
Input High Voltage
port 0,1,2,3,#EA
2.0
Vcc+0.5
V
VIH2
Input High Voltage
RES, XTAL1
70%Vcc
Vcc+0.5
V
VOL1
Output Low Voltage
port 0, ALE, #PSEN
0.45
V
IOL=8mA (5V) / IOL=6mA
(3.3V)
VOL2
Output Low Voltage
port 1,2,3
0.45
V
IOL=6.5mA (5V) / IOL=5mA
(3.3V)
2.4
V
IOH=-800uA (only for VCC =5V)
VOH1
Output High Voltage
port 0
90%Vcc
V
IOH=-80uA
2.4
V
IOH=-60uA (only for VCC =5 V)
VOH2
Output High Voltage
port 1,2,3,ALE,#PSEN
90%Vcc
V
IOH=-10uA
IIL
Logical 0 Input Current
port 1,2,3,4
-75
uA
Vin=0.45V
ITL
Logical Transition Current
port 1,2,3,4
-650
uA
Vin=2.0V
ILI
Input Leakage Current
port 0, #EA
±
10
uA
0.45V<Vin<Vcc
R RES
Reset Pull-down
Resistance
RES
50
300
Kohm
C IO
Pin Capacitance
10
pF
Freq=1MHz, Ta=25 ℃
20
mA
Active mode, 16MHz
6.5
mA
Idle mode, 16MHz
I CC
Power Supply Current
Vdd
50
uA
Power down mode
Note1:Under steady state (non-transient) conditions, IOL must be externally
Limited as follows : Maximum IOL per port pin : 10mA
Maximum IOL per 8-bit port : port 0 :26mA
port 1,2,3
:15mA
Maximum total IOL for all output pins : 71mA
If IOL exceeds the condition, VOL may exceed the related specification. Pins are not guaranteed to sink current
greater than the listed test conditions.
Note2 : Minimum VCC for Power-down is 2V.
AC Characteristics
(16/25/40MHz, operating conditions; CL for Port 0, ALE and PSEN Outputs=100pF; CL for all Other Output=80pF)


Similar Part No. - SM8952AL25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8952A SYNCMOS-SM8952A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
More results

Similar Description - SM8952AL25

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com