Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2613 Datasheet(PDF) 6 Page - Texas Instruments

Part # VCA2613
Description  Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA2613 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VCA2613 Datasheet HTML 2Page - Texas Instruments VCA2613 Datasheet HTML 3Page - Texas Instruments VCA2613 Datasheet HTML 4Page - Texas Instruments VCA2613 Datasheet HTML 5Page - Texas Instruments VCA2613 Datasheet HTML 6Page - Texas Instruments VCA2613 Datasheet HTML 7Page - Texas Instruments VCA2613 Datasheet HTML 8Page - Texas Instruments VCA2613 Datasheet HTML 9Page - Texas Instruments VCA2613 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V, DC and Power-Supply Parameters
40
39
38
37
36
35
34
33
32
GainControlVoltage(V)
-1.0 -0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1.0
+I
Q
-IQ
1500
1400
1300
1200
1100
1000
900
800
700
A
(V/V)
VMAX
1
10
100
NOTE:
3dBbandwidthvarieswithpackagetype.
Seethe
sectionformoredetails.
-
Application
For>40dBGainAdjustRange
40
39
38
37
36
35
34
33
32
GainControlVoltage(V)
-1.0 -0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1.0
+I
Q
-IQ
40
39
38
37
36
35
34
33
32
GainControlVoltage(V)
-1.0 -0.8 -0.6 -0.4 -0.2
0
0.2
0.4
0.6
0.8
1.0
+I
Q
-IQ
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
Temperature( C)
°
35
30
25
20
15
10
5
0
-5
-50
-25
0
25
50
75
100
125
InputOffsetVoltage(V
)
OS
LeftScale
InputBiasCurrent(I )
B
RightScale
10xInputOffsetCurrent(I
)
OS
RightScale
V
=0V
G
VCA822
SBOS343A – SEPTEMBER 2007 – REVISED OCTOBER 2007
At TA = +25°C, RL = 100Ω, VG = +1V, and VIN = single-ended input on +VIN with –VIN at ground, unless otherwise noted.
SUPPLY CURRENT vs CONTROL VOLTAGE
RECOMMENDED RF vs AVMAX
(AVMAX = +2V/V)
Figure 9.
Figure 10.
SUPPLY CURRENT vs CONTROL VOLTAGE
SUPPLY CURRENT vs CONTROL VOLTAGE
(AVMAX = +10V/V)
(AVMAX = +100V/V)
Figure 11.
Figure 12.
TYPICAL DC DRIFT vs TEMPERATURE
Figure 13.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): VCA822


Similar Part No. - VCA2613

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2613 BURR-BROWN-VCA2613 Datasheet
343Kb / 16P
   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA2613 TI1-VCA2613 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2613EVM TI1-VCA2613EVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
More results

Similar Description - VCA2613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com