Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9935HW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9935HW
Description  Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9935HW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9935HW Datasheet HTML 4Page - NXP Semiconductors TDA9935HW Datasheet HTML 5Page - NXP Semiconductors TDA9935HW Datasheet HTML 6Page - NXP Semiconductors TDA9935HW Datasheet HTML 7Page - NXP Semiconductors TDA9935HW Datasheet HTML 8Page - NXP Semiconductors TDA9935HW Datasheet HTML 9Page - NXP Semiconductors TDA9935HW Datasheet HTML 10Page - NXP Semiconductors TDA9935HW Datasheet HTML 11Page - NXP Semiconductors TDA9935HW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TDA9935_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 September 2007
8 of 18
NXP Semiconductors
TDA9935
Dual 14-bit, up to 160 Msample/s, 2
× interpolating DAC
10. Characteristics
Table 5.
Characteristics
VCCD =VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = −40 °C to +85 °C; typical values measured at
VCCD =VCCA = 3.3 V, IO(FS) = 20 mA and Tamb =25 °C; dynamic parameters measured using output schematic given in
Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCCD
digital supply voltage
3.0
3.3
3.6
V
VCCA
analog supply voltage
3.0
3.3
3.6
V
ICCD
digital supply current
-
55
65
mA
ICCA
analog supply current
-
73
85
mA
Ptot
total power dissipation
fCLK = 80 Msample/s;
fIOUT =fQOUT = 5 MHz
-
422
540
mW
Clock inputs (CLK and CLKN)
VI(CM)
common mode input
voltage
-
1.65
-
V
∆VCLK
differential input voltage
swing
-
1.0
-
V
Analog outputs (IOUT, IOUTN, QOUT and QOUTN)
IO(FS)
full-scale output current
differential outputs
4
-
20
mA
Ro
output resistance
[1] -
150
-
k
Co
output capacitance
[1] -3
-pF
Digital inputs (I0 to I13, Q0 to Q13 and GAPD)
VIL
LOW-level input voltage
DGND
-
0.3VCCD V
VIH
HIGH-level input voltage
0.7VCCD -VCCD
V
IIL
LOW-level input current
VIL = 0.3VCCD
-5
-
µA
IIH
HIGH-level input current
VIH = 0.7VCCD
-5
-
µA
Reference voltage output (GAPOUT)
VGAPOUT
output voltage
-
1.31
-
V
IGAPOUT
output current
external voltage
-
1
-
µA
∆VGAPOUT output voltage drift
-
±133
-
ppm/
°C
Clock timing inputs (CLK and CLKN)
fCLK(max)
maximum clock rate
80
-
-
Msample/s
tW(CLKH)
clock HIGH pulse width
5
-
-
ns
tW(CLKL)
clock LOW pulse width
5
-
-
ns
Input timing (I0 to I13 and Q0 to Q13); see Figure 5
th(i)
input hold time
1.1
-
3.4
ns
tsu(i)
input setup time
−1.5
-
+0.7
ns


Similar Part No. - TDA9935HW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901TS PHILIPS-TDA9901TS Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901TS NXP-TDA9901TS Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
   12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
More results

Similar Description - TDA9935HW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
Texas Instruments
DAC5687-EP TI1-DAC5687-EP Datasheet
2Mb / 75P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687_15 Datasheet
2Mb / 80P
[Old version datasheet]   16-BIT, 500 MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687-EP TI-DAC5687-EP_15 Datasheet
2Mb / 76P
[Old version datasheet]   16-BIT 500-MSPS 2쨈??쨈 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com