Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F8620 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC18F8620
Description  Rev. A4 Silicon/Data Sheet Errata
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8620 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC18F8620 Datasheet HTML 4Page - Microchip Technology PIC18F8620 Datasheet HTML 5Page - Microchip Technology PIC18F8620 Datasheet HTML 6Page - Microchip Technology PIC18F8620 Datasheet HTML 7Page - Microchip Technology PIC18F8620 Datasheet HTML 8Page - Microchip Technology PIC18F8620 Datasheet HTML 9Page - Microchip Technology PIC18F8620 Datasheet HTML 10Page - Microchip Technology PIC18F8620 Datasheet HTML 11Page - Microchip Technology PIC18F8620 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PIC18F8720/8620/6720/6620
DS80172C-page 8
© 2005 Microchip Technology Inc.
7.
Module: Instruction Set (BTG)
In Table 24-1: PIC18FXXXX Instruction Set
(page 262), the BTG instruction has been changed
(change shown in bold text).
8.
Module: OSCCON Register
In the OSCCON register (Register 2-1, page 25),
the Reset value for the SCS bit (OSCCON<0>)
was incorrectly stated as R/W-1 and has been
changed to R/W-0.
9.
Module: A/D Converter Characteristics
In Table 26-25: A/D Converter Characteristics
(page 340), specification A40 and Note 6 have
been added:
TABLE 26-25: A/D CONVERTER CHARACTERISTICS: PIC18FXXXX (INDUSTRIAL, EXTENDED)
PIC18LFXX20 (INDUSTRIAL)
TABLE 24-1:
PIC18FXXXX INSTRUCTION SET
Mnemonic,
Operands
Description
Cycles
16-Bit Instruction Word
Status
Affected
Notes
MSb
LSb
BIT-ORIENTED FILE REGISTER OPERATIONS
BTG
f, b, a
Bit Toggle f
1
0111
bbba
ffff
ffff
None
1, 2
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
A01
NR
Resolution
10
bit
A03
EIL
Integral Linearity Error
<±1
LSb
VREF = VDD = 5.0V
A04
EDL
Differential Linearity Error
<±1
LSb
VREF = VDD = 5.0V
A05
EG
Gain Error
<±1
LSb
VREF = VDD = 5.0V
A06
EOFF
Offset Error
<±1.5
LSb
VREF = VDD = 5.0V
A10
Monotonicity
guaranteed(2)
—VSS
≤ VAIN ≤ VREF
A20
A20A
VREF
Reference Voltage
(VREFH – VREFL)
1.8V
3V
V
V
VDD < 3.0V
VDD
≥ 3.0V
A21
VREFH
Reference Voltage High
AVSS
—AVDD + 0.3V
V
A22
VREFL
Reference Voltage Low
AVSS – 0.3V(5)
—VREFH
V
A25
VAIN
Analog Input Voltage
AVSS – 0.3V(5)
—AVDD + 0.3V(5)
VVDD
≥ 2.5V (Note 3)
A30
ZAIN
Recommended Impedance of
Analog Voltage Source
——
2.5
k
Ω (Note 4)
A40
IAD
A/D Current
from VDD
PIC18FXXXX
180
μA Average current during
conversion.
PIC18LFXX20
90
μA
A50
IREF
VREF Input Current (Note 1)
5
150
μA
μA
During VAIN acquisition.
During A/D conversion
cycle.
Note 1:
Vss
≤ VAIN ≤ VREF
2:
The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
3:
For VDD < 2.5V, VAIN should be limited to <.5 VDD.
4:
Maximum allowed impedance for analog voltage source is 10 k
Ω. This requires higher acquisition times.
5:
IVDD – AVDDI must be <3.0V and IAVSS – VSSI must be <0.3V.


Similar Part No. - PIC18F8620

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8620 MICROCHIP-PIC18F8620 Datasheet
3Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
2004
PIC18F8620 MICROCHIP-PIC18F8620 Datasheet
7Mb / 366P
   64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
2003
PIC18F8620 MICROCHIP-PIC18F8620 Datasheet
6Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
11/29/12 2003-2013
PIC18F8620-E/PT MICROCHIP-PIC18F8620-E/PT Datasheet
7Mb / 366P
   64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
2003
logo
Micrel Semiconductor
PIC18F8620-EPTQTP MICREL-PIC18F8620-EPTQTP Datasheet
6Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
More results

Similar Description - PIC18F8620

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
357Kb / 10P
   PIC24FJ128GA010 Family Rev. A4 Silicon Errata
2007
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
   PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC16C717-EP MICROCHIP-PIC16C717-EP Datasheet
94Kb / 6P
   PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
   Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC12C508A-04I-SM MICROCHIP-PIC12C508A-04I-SM Datasheet
48Kb / 6P
   Errata Sheet for PIC12C508A/509A (Rev. A Silicon)
05/16/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com