Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F8620 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC18F8620
Description  Rev. A4 Silicon/Data Sheet Errata
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8620 Datasheet(HTML) 5 Page - Microchip Technology

  PIC18F8620 Datasheet HTML 1Page - Microchip Technology PIC18F8620 Datasheet HTML 2Page - Microchip Technology PIC18F8620 Datasheet HTML 3Page - Microchip Technology PIC18F8620 Datasheet HTML 4Page - Microchip Technology PIC18F8620 Datasheet HTML 5Page - Microchip Technology PIC18F8620 Datasheet HTML 6Page - Microchip Technology PIC18F8620 Datasheet HTML 7Page - Microchip Technology PIC18F8620 Datasheet HTML 8Page - Microchip Technology PIC18F8620 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2005 Microchip Technology Inc.
DS80172C-page 5
PIC18F8720/8620/6720/6620
2.
Module: Timing Diagrams and
Specifications
Table 26-6: External Clock Timing Requirements
for PIC18FX620/X720 devices (page 322) has
been revised (changes and additions are shown in
bold text).
TABLE 26-6:
EXTERNAL CLOCK TIMING REQUIREMENTS
3.
Module: CCP
In Section 23.3.1 “Wake-up From Sleep”, the list
of peripheral interrupts which can wake the device
from Sleep has been updated. From the list of
11 events, item 4 has been clarified and item 5 has
been removed. The list now reads as follows:
1. PSP read or write.
2. TMR1 interrupt. Timer1 must be operating as
an asynchronous counter.
3. TMR3 interrupt. Timer3 must be operating as
an asynchronous counter.
4. CCP Capture mode interrupt (Capture will not
occur).
5. MSSP (Start/Stop) bit detect interrupt.
6. MSSP transmit or receive in Slave mode
(SPI/I2C).
7. USART RX or TX (Synchronous Slave mode).
8. A/D conversion (when A/D clock source is RC).
9. EEPROM write operation complete.
10. LVD interrupt.
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
1A
FOSC
External CLKI Frequency(1)
DC
25
MHz
EC, ECIO oscillator,
PIC18FX620/X720 (Industrial)
DC
16
MHz
EC, ECIO oscillator,
PIC18FX620/X720 (Extended)
Oscillator Frequency(1)
DC
4
MHz
RC oscillator
0.1
4
MHz
XT oscillator
4
25
MHz
HS oscillator (Industrial)
4
16
MHz
HS oscillator (Extended)
4
6.25
MHz
HS + PLL oscillator,
PIC18FX620/X720 (Industrial)
4
4
MHz
HS + PLL oscillator,
PIC18FX620/X720 (Extended)
5
33
kHz
LP Oscillator mode
1TOSC
External CLKI Period(1)
40
ns
EC, ECIO oscillator,
PIC18FX620/X720 (Industrial)
62.5
ns
EC, ECIO oscillator,
PIC18FX620/X720 (Extended)
Oscillator Period(1)
250
ns
RC oscillator
250
10,000
ns
XT oscillator
40
62.5
160
250
30
250
250
250
250
200
ns
ns
ns
ns
μs
HS oscillator (Industrial)
HS oscillator (Extended)
HS + PLL oscillator,
PIC18FX620/X720 (Industrial)
HS + PLL oscillator,
PIC18FX620/X720 (Extended)
LP Oscillator mode
Note
1:
Instruction cycle period (TCY) equals four times the input oscillator time base period for all configurations except PLL. All
specified values are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or
higher than expected current consumption. All devices are tested to operate at “min.” values with an external clock applied
to the OSC1/CLKI pin. When an external clock input is used, the “max.” cycle time limit is “DC” (no clock) for all devices.


Similar Part No. - PIC18F8620

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8620 MICROCHIP-PIC18F8620 Datasheet
3Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
2004
PIC18F8620 MICROCHIP-PIC18F8620 Datasheet
7Mb / 366P
   64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
2003
PIC18F8620 MICROCHIP-PIC18F8620 Datasheet
6Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
11/29/12 2003-2013
PIC18F8620-E/PT MICROCHIP-PIC18F8620-E/PT Datasheet
7Mb / 366P
   64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
2003
logo
Micrel Semiconductor
PIC18F8620-EPTQTP MICREL-PIC18F8620-EPTQTP Datasheet
6Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
More results

Similar Description - PIC18F8620

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010 Datasheet
357Kb / 10P
   PIC24FJ128GA010 Family Rev. A4 Silicon Errata
2007
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
   PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC16C717-EP MICROCHIP-PIC16C717-EP Datasheet
94Kb / 6P
   PIC16C717/770/771 Rev. C Silicon/Data Sheet Errata
08/01/02
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
   PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
   PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
   PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
   PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
   Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC12C508A-04I-SM MICROCHIP-PIC12C508A-04I-SM Datasheet
48Kb / 6P
   Errata Sheet for PIC12C508A/509A (Rev. A Silicon)
05/16/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com