Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA48A Datasheet(PDF) 3 Page - Littelfuse

Part # 30KPA48A
Description  Transient Voltage Suppression Diodes Axial Leaded - 30000W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30KPA48A Datasheet(HTML) 3 Page - Littelfuse

  30KPA48A Datasheet HTML 1Page - Littelfuse 30KPA48A Datasheet HTML 2Page - Littelfuse 30KPA48A Datasheet HTML 3Page - Littelfuse 30KPA48A Datasheet HTML 4Page - Littelfuse 30KPA48A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.littelfuse.com
©2007 Littelfuse
Specifications are subject to change without notice.
101
Transient Voltage Suppression Diodes
Axial Leaded – 30000W
30KPA Series
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
td-Pulse Width (Sec.)
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
T
A-Ambient temperature (ºC)
1
100
10000
0
50
100
150
200
250
300
V
BR - Re ve rse Breakdow n Voltage (V)
Tj=25C
f=1.0MHz
Vsig=50mVp-p
Bi-direct ional @ VR
Bi-direct ional V= OV
Uni-direct ional V= OV
Uni-direct ional @ VR
0
1
2
3
4
5
6
7
8
9
0
25
50
75
100 125 150 175 200
L = 0.375” (9.5mm)
Lead Lengths
T
L- Le a d Te mpe ra ture (ºC)
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
0
50
100
150
200
250
300
350
400
450
1
10
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current


Similar Part No. - 30KPA48A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA48A PROTEC-30KPA48A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA48A RUILON-30KPA48A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
30KPA48A HUAXINAN-30KPA48A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Protek Devices
30KPA48A PROTEC-30KPA48A Datasheet
60Kb / 4P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
30KPA48A SOCAY-30KPA48A Datasheet
451Kb / 5P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 30KPA48A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
BZW04P6V8 SUNMATE-BZW04P6V8 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
HuaXinAn Electronics CO...
30KPA28CA HUAXINAN-30KPA28CA Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com