Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57869S0103+140 Datasheet(PDF) 7 Page - EPCOS

Part # B57869S0103+140
Description  NTC thermistors for temperature measurement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57869S0103+140 Datasheet(HTML) 7 Page - EPCOS

Back Button B57869S0103+140 Datasheet HTML 3Page - EPCOS B57869S0103+140 Datasheet HTML 4Page - EPCOS B57869S0103+140 Datasheet HTML 5Page - EPCOS B57869S0103+140 Datasheet HTML 6Page - EPCOS B57869S0103+140 Datasheet HTML 7Page - EPCOS B57869S0103+140 Datasheet HTML 8Page - EPCOS B57869S0103+140 Datasheet HTML 9Page - EPCOS B57869S0103+140 Datasheet HTML 10Page - EPCOS B57869S0103+140 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
B57869S0502F140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
50.0
1802
1788
1815
0.8
0.2
3.8
55.0
1493
1482
1504
0.7
0.2
3.7
60.0
1244
1235
1253
0.7
0.2
3.6
65.0
1042
1034
1049
0.7
0.2
3.5
70.0
876.0
870.0
882.0
0.7
0.2
3.4
75.0
740.7
733.3
748.1
1.0
0.3
3.3
80.0
629.0
622.9
635.1
1.0
0.3
3.2
85.0
536.2
529.4
542.9
1.3
0.4
3.2
90.0
458.8
453.2
464.5
1.2
0.4
3.1
95.0
394.3
388.3
400.2
1.5
0.5
3.0
100.0
340.0
335.0
345.0
1.5
0.5
2.9
105.0
294.3
289.3
299.3
1.7
0.6
2.9
110.0
255.6
251.3
259.9
1.7
0.6
2.8
115.0
222.7
218.5
226.9
1.9
0.7
2.7
120.0
194.7
191.0
198.3
1.9
0.7
2.7
125.0
170.9
167.3
174.4
2.1
0.8
2.6
130.0
150.5
147.4
153.5
2.0
0.8
2.5
135.0
132.7
129.8
135.7
2.2
0.9
2.5
140.0
117.4
114.8
120.0
2.2
0.9
2.4
145.0
104.2
101.7
106.6
2.4
1.0
2.4
150.0
92.65
90.51
94.79
2.3
1.0
2.3
155.0
82.67
80.62
84.73
2.5
1.1
2.3
B57869S0502G140
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± %
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
481520
403100
559950
16.3
2.2
7.4
50.0
335050
287190
382910
14.3
2.0
7.1
45.0
235840
204950
266740
13.1
1.9
6.9
40.0
168250
149210
187290
11.3
1.7
6.7
35.0
121300
108810
133780
10.3
1.6
6.4
30.0
88500
80798
96202
8.7
1.4
6.2
25.0
65185
60092
70278
7.8
1.3
6.0
20.0
48535
45431
51639
6.4
1.1
5.8
15.0
36465
34413
38516
5.6
1.0
5.6
10.0
27665
26459
28871
4.4
0.8
5.4
5.0
21158
20376
21939
3.7
0.7
5.3
0.0
16325
15908
16742
2.6
0.5
5.1
Temperature measurement
B57869
Miniature sensors with bendable wires
S869
Page 7 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57869S0103+140

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57869S0103+140 EPCOS-B57869S0103+140 Datasheet
61Kb / 3P
   Heating and air conditioning systems
logo
TDK Electronics
B57869S0103+140 TDK-B57869S0103+140 Datasheet
442Kb / 18P
   Miniature sensors with bendable wires
More results

Similar Description - B57869S0103+140

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com