Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM89S16R1C40 Datasheet(PDF) 2 Page - SyncMOS Technologies,Inc

Part # SM89S16R1C40
Description  8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89S16R1C40 Datasheet(HTML) 2 Page - SyncMOS Technologies,Inc

  SM89S16R1C40 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89S16R1C40 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SyncMOS Technologies International, Inc.
SM89S16R1
8-Bits Micro-controller
With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89S16R1 08/2006
2
Pin Configuration
Figure 1 44L PQFP Package
PWM0/P1.4
P3.6/#WE
P1.3
P3.7/#RD
P1.2
XTAL2
T2EX/P1.1
XTAL1
T2/P1.0
VSS
P4.2
P4.0
VDD
P2.0/A8
AD0/P0.0
P2.1/A9
AD1/P0.1
P2.2/A10
AD2/P0.2
P2.3/A11
AD3/P0.3
P2.4/A12/ADC0
36
37
38
30
34
35
31
32
33
39
40
41
42
43
44
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Figure 3 40L PDIP Package
Package Spec.
Package
Pin / PAD
Frequency
44L PQFP
Figure 1
25 MHz at 3.3V and 40MHz at 5V
44L PLCC
Figure 2
25 MHz at 3.3V and 40MHz at 5V
40L PDIP
Figure 3
25 MHz at 3.3V and 40MHz at 5V
Figure 2 44L PLCC Package
PWM1/P1.5
P0.4/AD4
P1.6
P0.5/AD5
P1.7
P0.6/AD6
RES
P0.7/AD7
RXD/P3.0
#EA
P4.3
P4.1
TXD/P3.1
ALE/X32OUT
#INT0/P3.2
#PSEN/X32IN
#INT1/P3.3
P2.7/A15/ADC3
T0/P3.4
P2.6/A14/ADC2
T1/P3.5
P2.5/A13/ADC1
28
18
19
20
21
22
23
24
25
26
27
40
41
42
43
44
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
29
30
31
32
33
34
35
36
37
38
39


Similar Part No. - SM89S16R1C40

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1C40 SYNCMOS-SM89S16R1C40 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
More results

Similar Description - SM89S16R1C40

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com