Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV34-600 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYV34-600
Description  Dual rectifier diode ultrafast
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYV34-600 Datasheet(HTML) 6 Page - NXP Semiconductors

  BYV34-600 Datasheet HTML 1Page - NXP Semiconductors BYV34-600 Datasheet HTML 2Page - NXP Semiconductors BYV34-600 Datasheet HTML 3Page - NXP Semiconductors BYV34-600 Datasheet HTML 4Page - NXP Semiconductors BYV34-600 Datasheet HTML 5Page - NXP Semiconductors BYV34-600 Datasheet HTML 6Page - NXP Semiconductors BYV34-600 Datasheet HTML 7Page - NXP Semiconductors BYV34-600 Datasheet HTML 8Page - NXP Semiconductors BYV34-600 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BYV34-600_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2007
6 of 9
NXP Semiconductors
BYV34-600
Dual rectifier diode ultrafast
7.
Package outline
Fig 7.
Package outline SOT78 (3-lead TO-220AB)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78
SC-46
3-lead TO-220AB
D
D1
q
p
L
12
3
L1
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Q
L2
UNIT
A1
b1
D1
e
p
mm
2.54
qQ
A
b
D
c
L2
max.
3.0
3.8
3.5
15.0
12.8
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
16.0
15.2
0.9
0.6
1.45
1.00
4.7
4.1
1.40
1.25
6.6
5.9
10.3
9.7
L1
E
L
05-03-22
05-10-25
mounting
base


Similar Part No. - BYV34-600

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYV34-600 WEEN-BYV34-600 Datasheet
551Kb / 9P
   Dual rectifier diode ultrafast
logo
NXP Semiconductors
BYV34-600 PHILIPS-BYV34-600_15 Datasheet
69Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-4 October 2007
More results

Similar Description - BYV34-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV34-600 PHILIPS-BYV34-600_15 Datasheet
69Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-4 October 2007
BYV34G-600 PHILIPS-BYV34G-600_15 Datasheet
68Kb / 9P
   Dual rectifier diode, ultrafast
Rev. 01-25 February 2009
BYV34G-600 NXP-BYV34G-600 Datasheet
68Kb / 9P
   Dual rectifier diode, ultrafast
Rev. 01-25 February 2009
BYV34X-600 NXP-BYV34X-600 Datasheet
72Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-13 September 2007
logo
WeEn Semiconductors
BYV34X-600 WEEN-BYV34X-600 Datasheet
451Kb / 9P
   Dual rectifier diode ultrafast
logo
NXP Semiconductors
BYV34X-600 PHILIPS-BYV34X-600_15 Datasheet
72Kb / 9P
   Dual rectifier diode ultrafast
Rev. 01-13 September 2007
logo
WeEn Semiconductors
BYV34-600 WEEN-BYV34-600 Datasheet
551Kb / 9P
   Dual rectifier diode ultrafast
logo
NXP Semiconductors
BYV410-600 NXP-BYV410-600 Datasheet
150Kb / 10P
   Enhanced ultrafast dual rectifier diode
Rev. 01-29 June 2009
BYQ28X-200 PHILIPS-BYQ28X-200_15 Datasheet
146Kb / 10P
   Dual ultrafast rugged rectifier diode
Rev. 02-5 February 2009
BYV410X-600 NXP-BYV410X-600 Datasheet
153Kb / 10P
   Enhanced ultrafast dual rectifier diode
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com