Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F348CWAPQC-GE2 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB96F348CWAPQC-GE2
Description  16-bit Proprietary Microcontroller
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F348CWAPQC-GE2 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB96F348CWAPQC-GE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 9Page - Fujitsu Component Limited. MB96F348CWAPQC-GE2 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
MB96300 Series
Preliminary Specification
6
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
s PRODUCT LINEUP
Features
MB96V300
MB9632x
MB9634x
MB9635x
MB9636x
MB9638x
Product type
Evaluation
sample
Flash product: MB96F3xx
Mask ROM product: MB963xx
CPU
F2MC-16FX CPU
System clock
On-chip PLL clock multiplier (x1..16, 1/2 when PLL stop)
Minimum instruction execution time: 17.8 ns (56MHz)
Clock source selectable from main- and subclock oscillator (partnumber suffix “W”), on-chip RC
oscillator, independently for CPU and 2 clock domains of peripherals
Flash/
ROM
RAM
128kB
6kB
ROM/Flash
memory
emulation by
external RAM,
92kB internal
RAM
MB96344R,
MB96344Y
MB96384R,
MB96384Y
160kB
6kB
MB96F365R,
MB96F365Y
MB96385R,
MB96385Y
288kB
12kB
MB96F326R,
MB96F326Y
MB96F356R,
MB96F356Y
288kB
16kB
MB96F346R,
MB96346R,
MB96F346Y,
MB96346Y
MB96F386R,
MB96386R,
MB96F386Y,
MB96386Y
416kB
16kB
MB96F347R,
MB96347R,
MB96F347Y,
MB96347Y
MB96F387R,
MB96387R,
MB96F387Y,
MB96387Y
544kB
24kB
MB96F348R,
MB96F348Y
Main:
544kB,
Sat.:
32kB
24kB
MB96F348C,
MB96F348H,
MB96F348T
Technology
0.18mm CMOS with on-chip voltage regulator for internal power supply
Package
BGA416
FPT-80P-M21
FPT-100P-
M20
FPT-100P-
M22
FPT-64P-M23
FPT-64P-M24
FPT-48P-M26
FPT-120P-
M21
DMA
16 channels
4 channels
6 channels
4 channels
3 channels
7 channels


Similar Part No. - MB96F348CWAPQC-GE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F348CWB FUJITSU-MB96F348CWB Datasheet
3Mb / 130P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB96F348CWCPMC-GSE2 CYPRESS-MB96F348CWCPMC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
MB96F348CWCPQC-GSE2 CYPRESS-MB96F348CWCPQC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
More results

Similar Description - MB96F348CWAPQC-GE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com