Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-73120C-CXX0G Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # TRSL-73120C-CXX0G
Description  3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-73120C-CXX0G Datasheet(HTML) 2 Page - Optoway Technology Inc

  TRSL-73120C-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
TRSL-73120C-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V1.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
With air flow 1m/sec
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
70
oC / air flow 1m/sec
Data Rate
1000
1250
Mb/s
Power Supply Current
Icc
280
mA
Transmitter Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3. 47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
0
---
5
dBm
1
Output Center Wavelength
λ
λ-5.5
λ
λ+7.5
nm
2
Output Spectrum Width
∆λ
---
1
nm
-20 dB Width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
9
---
---
dB
Output Eye
Compliant with IEEE 802.3z
Optical Rise Time
tr
0.26
ns
20% to 80% Values
Optical Fall Time
tf
0.26
ns
20% to 80% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Total Jitter
TJ
0.227
ns
3
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
300
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
4
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
4
Disable Input Voltage -- Low
VTDIS,L
0
0.5
V
TX Output Enabled
Disable Input Voltage -- High
VTDIS,H
Vcc – 1.3
Vcc
V
TX Ouput Disabled
Shut Off Time for TxDis
tDIS
1
ms
Notes: 1. Output power is power coupled into a 9/125
µm single mode fiber.
2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm.
3. Measured with a 2
23-1 PRBS with 72 ones and 72 zeros.
4. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.


Similar Part No. - TRSL-73120C-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-73120CG OPTOWAY-TRSL-73120CG Datasheet
122Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-73120CG OPTOWAY-TRSL-73120CG Datasheet
114Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-73120C-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7385C-CXX0G OPTOWAY-TRSL-7385C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7380C-CXX0G OPTOWAY-TRSL-7380C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-73160C-CXX0G OPTOWAY-TRSL-73160C-CXX0G Datasheet
130Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350C-CXX0G OPTOWAY-TRSL-7350C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340-CXX0G OPTOWAY-TRSL-9340-CXX0G_11 Datasheet
117Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340-CXX0G OPTOWAY-TRSL-9340-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380-CXX0G OPTOWAY-TRSL-9380-CXX0G_11 Datasheet
125Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380-CXX0G OPTOWAY-TRSL-9380-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com