Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-73120C-CXX0G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRSL-73120C-CXX0G
Description  3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-73120C-CXX0G Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRSL-73120C-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRSL-73120C-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
TRSL-73120C-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V1.0
4
RECOMMENDED CIRCUIT SCHEMATIC
TXDis(LVTTL)
Z=5OR
Z=50R
1uH
10uF
10nF
10uF
10nF
Vcc3.3V
1uH
10uF
10nF
Z=5OR
Z=50R
PHY DEVICE
TD-
TD+
RD+
RD-
SD
100R
Vcc3.3V
LVPECL
Vcc3.3V
LVPECL
TO LVTTL STAGE
Note: 1. TX input is terminated inside the module.
2. 1000ΩSD Output pull-down resistor required for TRSL-73X0-CXX0G (LVPECL SD Output).
3. Veer and Veet are not internally connected to each other.
4. 50 Ω line pattern and component placements on TD+/TD- and RD+/RD- lines shall be symmetrical for
better impedance matching.
PACKAGE DIAGRAM
Units in mm
1) Standard Case
TRSL-73120-CXX0G / TRSL-73120C-CXX0G


Similar Part No. - TRSL-73120C-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-73120CG OPTOWAY-TRSL-73120CG Datasheet
122Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-73120CG OPTOWAY-TRSL-73120CG Datasheet
114Kb / 4P
   3.3V / 1550 nm / 1.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-73120C-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7385C-CXX0G OPTOWAY-TRSL-7385C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7380C-CXX0G OPTOWAY-TRSL-7380C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-73160C-CXX0G OPTOWAY-TRSL-73160C-CXX0G Datasheet
130Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350C-CXX0G OPTOWAY-TRSL-7350C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340-CXX0G OPTOWAY-TRSL-9340-CXX0G_11 Datasheet
117Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340-CXX0G OPTOWAY-TRSL-9340-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380-CXX0G OPTOWAY-TRSL-9380-CXX0G_11 Datasheet
125Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380-CXX0G OPTOWAY-TRSL-9380-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W-CXX0 OPTOWAY-TRSL-7380W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com