Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z6V8C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM3Z6V8C
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM3Z6V8C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM3Z6V8C Datasheet HTML 1Page - Fairchild Semiconductor MM3Z6V8C Datasheet HTML 2Page - Fairchild Semiconductor MM3Z6V8C Datasheet HTML 3Page - Fairchild Semiconductor MM3Z6V8C Datasheet HTML 4Page - Fairchild Semiconductor MM3Z6V8C Datasheet HTML 5Page - Fairchild Semiconductor MM3Z6V8C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MM3Z2V4C-MM3Z75VC Rev. A
August 2007
MM3Z2V4C-MM3Z75VC
Zener Diodes
Features
• Wide Zener Voltage Range Selection, 2.4V to 75V
• VZ Tolerance Selection of ±5% (C Series)
• Very Small and Thin SMD package
• Clip Bonding Construction, Good Thermal Capability
• Matte Tin(Sn) finish, Pb Free
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Thermal Characteristics
* Device mounted on PCB with minimum land pad.
Electrical Characteritics T
amb = 25°C unless otherwise specified
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
IZM
Maximum Regulator Current
PD/VZ
mA
Symbol
Parameter
Value
Unit
RθJA
Thermal Resistance, Junction to Ambient
595
°C/W
Symbol
Parameter/ Test condition
Min.
Typ.
Max.
Unit
VF
Forward Voltage / IF=10 mA
--
--
1.0
V
Device Marking
Device
Package
Packing
Reel Size
Tape Width
Quantity
Refer to
Product table list
Refer to
Product table list
SOD-323F
Tape & Reel
7’
12mm
3,000
Connection Diagram
2
1
SOD-323F
2
1


Similar Part No. - MM3Z6V8C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z6V8C YEASHIN-MM3Z6V8C Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
ON Semiconductor
MM3Z6V8C ONSEMI-MM3Z6V8C Datasheet
160Kb / 6P
   Zener Diodes
August, 2020 ??Rev. 1
logo
Tak Cheong Electronics ...
MM3Z6V8CW TAK_CHEONG-MM3Z6V8CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z6V8CW TAK_CHEONG-MM3Z6V8CW Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
MM3Z6V8CW SECOS-MM3Z6V8CW Datasheet
595Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
More results

Similar Description - MM3Z6V8C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com