Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1570NT1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF1570NT1
Description  RF Power Field Effect Transistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1570NT1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF1570NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1570NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RF Device Data
Freescale Semiconductor
MRF1570NT1 MRF1570FNT1
Figure 2. 135 - 175 MHz Broadband Test Circuit Component Layout
C11
B1
C12 C13 C14
C1
C2
C3
C4
C5
L1
L2
C6
C7
L3
L4
C10
C15
C8
C9
R3
R4
R1
R2
C16
B2
C17 C18 C19
C44
C38
L9
L10
C37
C20
C21
C43
C23
C22
C24
C26
C27
C25
L5
L6
C28
C29
L7
L8
C30
C31
C32
C33
C39
B5
B6
B3
B4
C35 C34
C36
C41 C40
C42
VDD
GND
VGG
GND
MRF1570T1
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.
TYPICAL CHARACTERISTICS, 135 - 175 MHz
135 MHz
175 MHz
150 MHz
6
0
100
0
Pin, INPUT POWER (WATTS)
Figure 3. Output Power versus Input Power
VDD = 12.5 Vdc
80
60
40
20
12
3
4
5
80
−20
0
10
Pout, OUTPUT POWER (WATTS)
Figure 4. Input Return Loss versus Output Power
−5
−10
−15
135 MHz
175 MHz
155 MHz
VDD = 12.5 Vdc
90
70
60
50
40
30
20


Similar Part No. - MRF1570NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1570NT1 FREESCALE-MRF1570NT1 Datasheet
620Kb / 23P
   RF Power Field Effect Transistors
MRF1570NT1 FREESCALE-MRF1570NT1_08 Datasheet
620Kb / 23P
   RF Power Field Effect Transistors
More results

Similar Description - MRF1570NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com