Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRF-AT4611 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HRF-AT4611
Description  31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-AT4611 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HRF-AT4611 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-AT4611 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-AT4611 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-AT4611 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HRF-AT4611 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HRF-AT4611 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HRF-AT4611 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HRF-AT4611 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HRF-AT4611
Preliminary
________________________________________________________________________________________________________
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 4611W
Published June 2002
Page 1
Plymouth, Minnesota 55441-4799
1-800-323-8295
31.5 dB, DC-4GHz, 6 Bit
Serial Digital Attenuator
Features
Very Low DC Power Consumption
Attenuation In Steps From 0.5 dB To 31.5 dB
Single Or Dual Power Supply Voltages
Serial Data Interface
50 Ohm Compatible Impedance
Space Saving LPCC
TM Surface Mount Packaging
Product Description
The
Honeywell
HRF-AT4611
is
a
6-bit
digital
attenuator
that
is
ideal
for
use
in
broadband
communication
system
applications
that
require
accuracy, speed and low power consumption. The
HRF-AT4611
is
manufactured
with
Honeywell's
patented
Silicon
On
Insulator
(SOI)
CMOS
manufacturing
technology,
which
provides
the
performance
of
GaAs
with
the
economy
and
integration capabilities of conventional CMOS
RF Electrical Specifications @ + 25
oC
Results @ Vdd = 5.0 +/- 10%, Vss = 0 unless otherwise stated, Z0 = 50 Ohms
HRF-AT4611 in LPCC™ Package
Parameter
Test Condition
Frequency
Minimum
Typical
Maximum
Units
Insertion Loss
DC – 0.5 GHz
2.0 GHz
3.0 GHz
4.0 GHz
2.1
2.9
--
--
dB
dB
dB
dB
1dB Compression
VSS = 0V, Input Power
DC – 2.0 GHz
24
dBm
1dB Compression
VSS = - VDD, Input Power
DC – 2.0 GHz
29
dBm
Input IP3
VSS = 0V Two-tone inputs
Up To +5 dB @ 0 dB
Attenuation
DC – 2.0 GHz
38
dBm
Input IP3
Vss = - VDD
Two-tone inputs Up To + 5
dBm @ 0 dBm Attenuation
DC – 2.0 GHz
>38
dBm
Return Loss*
Any Bit or Combination
DC - 4.0 GHz
11
dB
Attenuation Accuracy
All attenuation states
All attenuation states
All attenuation states
All attenuation states
DC – 1.0 GHz
2.0 GHz
3.0 GHz
4.0 GHz
+/-(0.3 + 3% of programmed IL)
+/-(0.3 + 3% of programmed IL)
+/-(0.4 + 4% of programmed IL)
+/-(0.5 + 6% of programmed IL)
dB
dB
dB
dB
Trise, Tfall*
Ton, Toff (Tpd)
Transients
10% To 90%
50% Cntl To 90%/10%RF
In-Band
10
15
30
nS
nS
mV
T clock Period (Tprd)*
T high / T low = ½ minimum clock period
50
nS
T data set up (Tsup)*
Set up to rising edge of clock
5
nS
T data hold (Thld)*
Data hold after rising edge of clock
2
nS
T latch set up (Tlsup*)
Data set up to falling edge of OE
5
nS
0.01uF Decoupling Capacitors Required On Power Supply Rails.
*By design


Similar Part No. - HRF-AT4611

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-B HONEYWELL-HRF-AT4610-B Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-E HONEYWELL-HRF-AT4610-E Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4610-TR HONEYWELL-HRF-AT4610-TR Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
More results

Similar Description - HRF-AT4611

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4511 HONEYWELL-HRF-AT4511 Datasheet
546Kb / 8P
   15.5 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com