Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC6-LAA-622M080 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VCC6-LAA-622M080
Description  3.3 volt LVDS Oscillator, >270MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC6-LAA-622M080 Datasheet(HTML) 3 Page - Vectron International, Inc

  VCC6-LAA-622M080 Datasheet HTML 1Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 2Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 3Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 4Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 5Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VCC6-L Output Frequencies > 270MHz
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Outline Diagram, Pad Layout and Pin Out
Contact Pad Plating: gold over nickel
Table 2. VCC6-LCx Pinout
Pin #
Symbol
Function
1
E/D
Tristate Function
2
NC
This pin has no internal connection and is floating.
3
GND
Ground
4
fO
Output Frequency
5
Cfo
Complementary Output Frequency
6
VDD
Supply Voltage
Table 3. VCC6-LAx Pinout
Pin #
Symbol
Function
1
NC
This pin has no internal connection and is floating.
2
ED
Tristate Function
3
GND
Ground
4
fO
Output Frequency
5
Cfo
Complementary Output Frequency
6
VDD
Supply Voltage


Similar Part No. - VCC6-LAA-622M080

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-LAA-125M000 VECTRON-VCC6-LAA-125M000 Datasheet
190Kb / 6P
   2.5 or 3.3 volt LVDS Oscillator
More results

Similar Description - VCC6-LAA-622M080

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-V VECTRON-VCC6-V Datasheet
190Kb / 6P
   2.5 or 3.3 volt LVDS Oscillator
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R_0611 MTRONPTI-M5R_0611 Datasheet
257Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M2001_0611 MTRONPTI-M2001_0611 Datasheet
350Kb / 3P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X_07 Datasheet
362Kb / 3P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com