Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC6-LAA-622M080 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VCC6-LAA-622M080
Description  3.3 volt LVDS Oscillator, >270MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC6-LAA-622M080 Datasheet(HTML) 2 Page - Vectron International, Inc

  VCC6-LAA-622M080 Datasheet HTML 1Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 2Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 3Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 4Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 5Page - Vectron International, Inc VCC6-LAA-622M080 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VCC6-L Output Frequencies > 270MHz
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
270
800
MHz
Supply Voltage
1
VDD
3.15
3.3
3.45
Supply Current, Output Enabled
IDD
80
mA
Supply Current, Output Disabled
IDD
10
uA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
0.9
1.40
1.10
1.6
V
V
Differential Output
VOD
247
330
454
mV
Differential Output Error
50
mV
Differential Output Skew
200
ps
Load (differential)
100
ohms
Offset Voltage
VOS
1.125
1.25
1.375
V
Offset Error
VOS
25
mV
Output Leakage Current
±10
uA
Transition Times
Rise Time
2
Fall Time
2
tR
tF
600
600
ps
ps
Symmetry or Duty Cycle
3
SYM
45
50
55
%
Operating temperature (ordering option)
-10/70 or –40/85
°C
Stability (ordering option)
4
±25, ±50 or ±100
ppm
RMS Jitter, 12kHz to 20 MHz
2
ps
Period RMS Jitter
Period P/P Jitter
4
30
ps
ps
Output Enabled
5
0.7*VDD
V
Output Disabled
5
0.3*VDD
V
Output Enable/Disable time
400
nS
Package Size
5.0 x 7.0 x 1.5
mm
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 1 defines these parameters.
3. Symmetry is measured defined as On Time/Period.
4. Includes calibration tolerance, operating temperature, supply voltage variations, aging (40 degreesC/10 years) and shock and
vibration (not under operation).
5. Output will be enabled if enable/disable is left open.
Figure 1. Output Waveform
80 %
Vs
20
%
t
F
t
R
Period
On Time


Similar Part No. - VCC6-LAA-622M080

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-LAA-125M000 VECTRON-VCC6-LAA-125M000 Datasheet
190Kb / 6P
   2.5 or 3.3 volt LVDS Oscillator
More results

Similar Description - VCC6-LAA-622M080

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-V VECTRON-VCC6-V Datasheet
190Kb / 6P
   2.5 or 3.3 volt LVDS Oscillator
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R_0611 MTRONPTI-M5R_0611 Datasheet
257Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M2001_0611 MTRONPTI-M2001_0611 Datasheet
350Kb / 3P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220X MTRONPTI-M220X_07 Datasheet
362Kb / 3P
   9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com