Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL127N Datasheet(PDF) 9 Page - SPANSION

Part # S29PL127N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL127N Datasheet(HTML) 9 Page - SPANSION

Back Button S29PL127N Datasheet HTML 5Page - SPANSION S29PL127N Datasheet HTML 6Page - SPANSION S29PL127N Datasheet HTML 7Page - SPANSION S29PL127N Datasheet HTML 8Page - SPANSION S29PL127N Datasheet HTML 9Page - SPANSION S29PL127N Datasheet HTML 10Page - SPANSION S29PL127N Datasheet HTML 11Page - SPANSION S29PL127N Datasheet HTML 12Page - SPANSION S29PL127N Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
Flash Family
9
Da ta
Shee t
(Prelim i nar y )
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
Notes
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S29 and packing type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
S29PL
256
N
65
GA
W
W0
0
Packing Type
0= Tray
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
Model Number (VCC Range)
W0= 2.7 – 3.1 V
00 = 2.7 – 3.6 V
Temperature Range
W = Wireless (–25°C to +85°C)
Package Type & Material Set
GA = Very Thin Fine-Pitch MCP-compatible BGA,
Lead (Pb)-free Compliant Package
GF = Very Thin Fine-Pitch MCP-compatible BGA,Lead (Pb)-free Package
Speed Option
65 = 65 ns
70 = 70 ns
Process Technology
N = 110 nm MirrorBit™ Technology
Flash Density
256= 256 Mb
129= 128 Mb (Dual CE#)
127= 128 Mb (Single CE#)
Product Family
S29PL = 3.0 Volt-only Simultaneous Read/Write, Page Mode Flash Memory
Valid Combinations
VIO Range
Package Type
(Note 2)
Base Ordering
Part Number
Speed
Option
Package Type, Material,
& Temperature Range
Model
Number
Packing
Type
S29PL256N
65, 70
GAW, GFW
W0
0, 2, 3
(Note 1)
2.7– 3.1V
VBH084 8.0 x 11.6 mm
84-ball MCP-Compatible (FBGA)
S29PL127N
S29PL129N
VBH064 8.0 x 11.6 mm
64-ball MCP-Compatible (FBGA)


Similar Part No. - S29PL127N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127N65FAI000 SPANSION-S29PL127N65FAI000 Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65FAI002 SPANSION-S29PL127N65FAI002 Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65FAI003 SPANSION-S29PL127N65FAI003 Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65FAIW00 SPANSION-S29PL127N65FAIW00 Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL127N65FAIW02 SPANSION-S29PL127N65FAIW02 Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

Similar Description - S29PL127N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL-N SPANSION-S29PL-N Datasheet
1Mb / 85P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com