Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9306 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9306 Datasheet HTML 1Page - NXP Semiconductors PCA9306 Datasheet HTML 2Page - NXP Semiconductors PCA9306 Datasheet HTML 3Page - NXP Semiconductors PCA9306 Datasheet HTML 4Page - NXP Semiconductors PCA9306 Datasheet HTML 5Page - NXP Semiconductors PCA9306 Datasheet HTML 6Page - NXP Semiconductors PCA9306 Datasheet HTML 7Page - NXP Semiconductors PCA9306 Datasheet HTML 8Page - NXP Semiconductors PCA9306 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PCA9306_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 February 2007
3 of 21
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
3.
Ordering information
[1]
Also known as MSOP8.
[2]
Same footprint and pinout as the Texas Instruments PCA9306DCT.
[3]
Same footprint and pinout as the Texas Instruments PCA9306DCU.
[4]
‘X’ will change based on date code.
4.
Functional diagram
Table 1.
Ordering information
Tamb = −40 °C to +85 °C.
Type number
Topside
mark
Package
Name
Description
Version
PCA9306D
PCA9306
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9306DP
306P
TSSOP8[1]
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9306DC
306C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
PCA9306DP1[2]
306T
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
PCA9306DC1[3]
306U
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
PCA9306GM
P6X[4]
XQFN8
plastic extremely thin quad flat package; no leads;
8 terminals; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Fig 1.
Logic diagram of PCA9306 (positive logic)
002aab844
SCL1
SDA1
VREF1
GND
3
4
VREF2
27
1
6
5
SCL2
SDA2
8
EN
SW
SW
PCA9306


Similar Part No. - PCA9306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306 NXP-PCA9306 Datasheet
138Kb / 23P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 04-26 October 2009
PCA9306 NXP-PCA9306 Datasheet
232Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
PCA9306 NXP-PCA9306 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 NXP-PCA9306 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com