Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-9340W-CXX0G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRSL-9340W-CXX0G
Description  3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-9340W-CXX0G Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRSL-9340W-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRSL-9340W-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRSL-9340W-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRSL-9340W-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRSL-9340W-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
TRSL-9340W-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V3.0
4
CONNECTION DIAGRAM
PIN
Symbol
Notes
PIN
Symbol
Notes
1
VpdR Receiver power monitor. This pin must be
connected to a positive power supply (Vcc),
preferably
via
a
small
resistor.
Supplier
photocurrent and maybe used to monitor receiver
power.
11
VccT
+3.3V dc transmitter power supply
2
VeeR
Receiver ground.
12
VeeT
Transmitter ground.
3
VeeR
Receiver ground.
13
T Dis
Transmitter Disable. Connect this pin to logic “1”
to disable module. To enable module connect to
logic low “0”
4
NC
No connected
14
TD +
Transmitter Data In
5
NC
No connected
15
TD
− Transmitter Data In Bar
6
VeeR
Receiver ground.
16
VeeT
Transmitter ground.
7
VccR
+3.3V dc receiver power supply
17
Bmon
− Laser Bias Monitoring – Negative End
8
SD
Signal detect. Logic 1 indicate a normal operation.
18
Bmon+ Laser Bias Monitoring – Positive End
(Bmon+ - Bmon-) = 10 Ω X laser bias current
9
RD
− Receiver Dataout Bar
19
Pmon- Laser Power Monitoring -- Negative end
10
RD+
Receiver Dataout
20
Pmon+ Laser Power Monitoring -- Positive end
(Pmon+ - Pmon-) = 200 Ω X monitor photdiode
current
MS
MS
Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
TX
RX
MICROSTRIP6
Z=5OR
MICROSTRIP5
Z=50R
L2
1uH
C2
100nF
C4
10uF
C3
100nF
VCC3.3V
L1
1uH
C8
10uF
C1
100nF
MICROSTRIP8
Z=5OR
MICROSTRIP7
Z=50R
PHY DEVICE
TD-
TD+
RD+
RD-
SD
R14
100R
Vcc3.3V
LVPECL
Vcc3.3V
LVPECL
TO LVTTL STAGE
Tdis(LVTTL)
Bmon-
Bmon+
Pmon+
Pmon-
10nF
200R
3K
VCCRX(3.3V)
Vpdr
Note: 1. TX input is terminated inside the module.
2. Veer and Veet are not internally connected to each other.
3. 50 Ω line pattern and component placements on TD+/TD- and RD+/RD- lines shall be symmetrical for better impedance
matching.


Similar Part No. - TRSL-9340W-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-9340W-CXX0G OPTOWAY-TRSL-9340W-CXX0G Datasheet
163Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9340W-CXX0G OPTOWAY-TRSL-9340W-CXX0G_11 Datasheet
163Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-9340W-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-9340W-CXX0G OPTOWAY-TRSL-9340W-CXX0G_11 Datasheet
163Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9340-CXX0G OPTOWAY-TRSL-9340-CXX0G_11 Datasheet
117Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9340-CXX0G OPTOWAY-TRSL-9340-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380-CXX0G OPTOWAY-TRSL-9380-CXX0G_11 Datasheet
125Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9380-CXX0G OPTOWAY-TRSL-9380-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9102WG OPTOWAY-TRSL-9102WG_11 Datasheet
159Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9340WG OPTOWAY-TRSL-9340WG Datasheet
160Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9115WG OPTOWAY-TRSL-9115WG Datasheet
159Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9115WG OPTOWAY-TRSL-9115WG_11 Datasheet
159Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9102WG OPTOWAY-TRSL-9102WG Datasheet
159Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com