Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4007UM013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4007UM013TR
Description  DUAL COMPLEMENTARY PAIR PLUS INVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4007UM013TR Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4007UM013TR Datasheet HTML 1Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 2Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 3Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 4Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 5Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 6Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 7Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 8Page - STMicroelectronics HCF4007UM013TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HCF4007UB
5/9
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL =200KΩ
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)


Similar Part No. - HCF4007UM013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
HCF4007UBC1 STMICROELECTRONICS-HCF4007UBC1 Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
HCF4007UBEY STMICROELECTRONICS-HCF4007UBEY Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
HCF4007UBM1 STMICROELECTRONICS-HCF4007UBM1 Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
More results

Similar Description - HCF4007UM013TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
   Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com