Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA100P400-4TI Datasheet(PDF) 1 Page - Littelfuse

Part # LA100P400-4TI
Description  Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA100P400-4TI Datasheet(HTML) 1 Page - Littelfuse

  LA100P400-4TI Datasheet HTML 1Page - Littelfuse LA100P400-4TI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Purpose Fuses
99
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
LA 100 P 80 -4 TI
Style
Littelfuse
Ampere Rating
Mounting Type
Voltage
(1000)
Integral Blown-
Fuse Indicator
Ferrule
1
Blades/Bolt-in
4
Trigger Indicator
TI
LA100P Semiconductor Fuses
1000 VAC • Very Fast Acting • 15 – 1000 Amperes
Specifications
Voltage Rating:
AC: 1000 Volts
DC: 750 Volts
Interrupting Rating:
100,000 Amperes
Ampere Range:
15 – 1000 Amperes
Approvals:
UL Recognized under the components program.
Littelfuse LA100P semiconductor protection fuses are rated 1000V,
extending the range of protection for UPS systems, AC and DC drives,
reduced voltage motor starters and similar applications where lower I2t
and superior reliability are needed. With ratings from 15-1000 amperes,
a wide range of high voltage applications can be served.
Features
• Low I2t minimizes damage to protected components on short-circuit.
• Controlled arc voltage reduces stress to circuit components during
fuse clearing.
Applications
Protection of UPS systems, AC/DC drives, reduced voltage motor
starters and other 1000V or less semiconductor devices.
Ordering Information
Note: Mounting types and integral blown fuse indicators are optional for
specified ratings.


Similar Part No. - LA100P400-4TI

ManufacturerPart #DatasheetDescription
logo
LEM
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
logo
Littelfuse
LA100P80-1TI LITTELFUSE-LA100P80-1TI Datasheet
382Kb / 2P
   LA100P Semiconductor Fuses
LA100P80-4TI LITTELFUSE-LA100P80-4TI Datasheet
382Kb / 2P
   LA100P Semiconductor Fuses
More results

Similar Description - LA100P400-4TI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA30QS35-4 LITTELFUSE-LA30QS35-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
   Blade Terminal & Special Purpose Fuses - Surge Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com