Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8513IBDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513IBDWR
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513IBDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8513IBDWR Datasheet HTML 3Page - Texas Instruments ADS8513IBDWR Datasheet HTML 4Page - Texas Instruments ADS8513IBDWR Datasheet HTML 5Page - Texas Instruments ADS8513IBDWR Datasheet HTML 6Page - Texas Instruments ADS8513IBDWR Datasheet HTML 7Page - Texas Instruments ADS8513IBDWR Datasheet HTML 8Page - Texas Instruments ADS8513IBDWR Datasheet HTML 9Page - Texas Instruments ADS8513IBDWR Datasheet HTML 10Page - Texas Instruments ADS8513IBDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
STARTING A CONVERSION
ADS8513
SLAS486 – JUNE 2007
BASIC OPERATION (continued)
If a conversion is not currently in progress, a falling edge on the CONV input places the sample and hold into the
hold mode and begins a conversion, as shown in Figure 3 and with the timing given in Table 2. During the
conversion, the CONV input is ignored. Starting a conversion does not depend on the state of CS. A conversion
can be started once every 25
μs (40-kHz maximum conversion rate). There is no minimum conversion rate.
Even though the CONV input is ignored while a conversion is in progress, this input should be held static during
the conversion period. Transitions on this digital input can easily couple into sensitive analog portions of the
converter, adversely affecting the conversion results (see the Sensitivity to External Digital Signals section of this
data sheet for more information).
Ideally, the CONV input should go LOW and remain LOW throughout the conversion. It should return HIGH
sometime after BUSY goes HIGH. In addition, it should be HIGH prior to the start of the next conversion for a
minimum time period given by t5. This will ensure that the digital transition on the CONV input will not affect the
signal that is acquired for the next conversion.
An acceptable alternative is to return the CONV input HIGH as soon after the start of the conversion as possible.
For example, a negative going pulse 100ns wide would make a good CONV input signal. It is strongly
recommended that from time t2 after the start of a conversion until BUSY rises, the CONV input should be held
static (either HIGH or LOW). During this time, the converter is more sensitive to external noise.
Table 2. Conversion and Data Timing, TA = –40°C to 85°C
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Conversion Plus Acquisition Time
25
μs
t2
CONV LOW to All Digital Inputs Stable
19
μs
t3
CONV LOW to Initiate a Conversion
0.04
12
μs
t4
BUSY Rising to Any Digital Input Active
5
ns
t5
CONV HIGH Prior to Start of Conversion (CONV high time)
15
ns
t6
BUSY LOW
18
20
μs
t7
CONV LOW to BUSY LOW
12
20
ns
t8
Aperture Delay (CONV falling edge to actual conversion start)
5
ns
t9
Conversion Time
18
20
μs
t10
Conversion Complete to BUSY Rising
90
ns
t11
Acquisition Time
5
μs
t12
CONV LOW to Rising Edge of First Internal DATACLK
0.27
μs
t13
Internal DATACLK HIGH
300
410
425
ns
t14
Internal DATACLK LOW
300
410
425
ns
t15
Internal DATACLK Period
0.6
0.82
0.85
μs
t16
DATA Valid to Internal DATACLK Rising
15
35
ns
t17
Internal DATACLK Falling to DATA Not Valid
22
37
ns
t18
Falling Edge of Last DATACLK to BUSY Rising
1
μs
t19
External DATACLK Rising to DATA Not Valid
4
14
ns
t20
External DATACLK Rising to DATA Valid
2
12
20
ns
t21
External DATACLK HIGH
15
ns
t22
External DATACLK LOW
15
ns
t23
External DATACLK Period
35
ns
t24
CONV LOW to External DATACLK Active
15
ns
t25
External DATACLK LOW or CS HIGH to BUSY Rising
1
μs
t26
CS LOW to Digital Outputs Enabled
15
ns
t27
CS HIGH to Digital Outputs Disabled
15
ns
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8513


Similar Part No. - ADS8513IBDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8513IBDWR TI1-ADS8513IBDWR Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IBDWRG4 TI1-ADS8513IBDWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Similar Description - ADS8513IBDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com