Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MT2060 Datasheet(PDF) 1 Page - Microtune,Inc

Part No. MT2060
Description  RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROTUNE [Microtune,Inc]
Homepage  http://www.microtune.com
Logo 

   
 1 page
background image
RF SILICON AND SUBSYSTEMS SOLUTIONS
FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
M I C R O T U N E ®
MT2060 SINGLE-CHIP
BROADBAND TUNER
PRODUCT BRIEF
The MT2060 is a low-power 3.3V
single-chip broadband tuner with an
integrated IF variable gain amplifier.
The MicroTuner™ MT2060 is an
advanced, low-power single-chip
broadband tuner that has been
optimized for high-performance
cable modems and digital cable set-
top boxes that require low
composite distortion and noise
under digital cable environments.
The MT2060 is capable of
receiving frequencies in the 48MHz
to 860MHz range and of converting
a selected channel to a standard
intermediate frequency (IF) between
30MHz and 60MHz.
The MT2060’s low close-in phase
noise allows it to be used for both
digital and analog signals including
video, voice and high-speed data.
Its dual-conversion architecture,
with no requirement for tracking
filters, yields the desirable
characteristics of traditional cable
television tuners: controlled input
impedance across the entire input
band, low in-band emissions, and
outstanding image rejection.
In addition, the MT2060 provides
excellent in-band flatness as well as
very repeatable gain characteristics
across the complete reception
band. With minor bill of material
(BOM) changes, the MT2060 is
capable of supporting multiple
output standards.
Provisions have been made to
allow the MT2060 tuner to operate in
low power modes. These modes are
selectable using simple software
commands. It reduces current
consumption considerably and can
effectively be used to extend the
operation of battery-powered
applications.
APPLICATIONS
VoIP Telephony Modem
Cable Modems
PacketCable™ E-MTA’s
Digital Set-top Boxes
Home Gateways
Multimedia Applications
PC TV
Flat Panel LCD TVs
FEATURES
48MHz to 860MHz input
frequency range
3.3V power supply
Works seamlessly with all
analog and digital
demodulators
Low-power 1W dual-
conversion architecture
Integrated first IF filter
reduces BOM by eliminating
first IF SAW filter
Single-ended RF input
reduces BOM by eliminating
input balun
Minimal external components
No manually tunable parts
required
Integrated IF variable gain
amplifier for direct connection
to digital demodulators
Fully compatible with NTSC,
PAL, SECAM, DAVIC, DVB-C,
DOCSIS 1.0, 1.1, and 2.0,
EuroDOCSIS, and other
standards
Capable of driving multiple
IF filters
Multiple power modes to
800mW
MT2060 Single-Chip Broadband Tuner




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT1393ETCRF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT1467RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT1468RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT1503EDCRF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT2022RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT1110RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT1119RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT1120RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc
MT1230RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS 1 2 Microtune,Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl