Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-9110FG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # TRSL-9110FG
Description  3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-9110FG Datasheet(HTML) 2 Page - Optoway Technology Inc

  TRSL-9110FG Datasheet HTML 1Page - Optoway Technology Inc TRSL-9110FG Datasheet HTML 2Page - Optoway Technology Inc TRSL-9110FG Datasheet HTML 3Page - Optoway Technology Inc TRSL-9110FG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optoway
TRSL-9110FG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
2
Transmitter Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3. 47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-9.5
---
-3
dBm
1
Output Center Wavelength
λ
1270
1310
1360
nm
Output Spectrum Width
∆λ
---
---
2
nm
RMS (σ)
Extinction Ratio
ER
9
---
dB
Optical Modulation Amplitude
(Peak-to-Peak)
OMA
174
µW
FC-PI Standard
Optical Rise Time
tr
160
ps
20% to 80% Values
Optical Fall Time
tf
160
ps
20% to 80% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
300
mV
Data Input Voltage – Low
VIL - VCC
-2.0
-1.58
V
2
Data Input Voltage -- High
VIH - VCC
-1.1
-0.74
V
2
Disable Input Voltage -- Low
VTDIS,L
0
0.5
V
TX Output Enabled
Disable Input Voltage -- High
VTDIS,H
Vcc – 1.3
Vcc
V
TX Ouput Disabled
Shut Off Time for TxDis
tDIS
1
ms
Notes: 1. Output power is power coupled into a 9/125
µm single mode fiber.
2. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity @ 2.125 Gbps
Sen. 2X
---
---
-21
dBm
1
Sensitivity @ 1.063 Gbps
Sen. 1X
---
---
-22
dBm
1
Maximum Input Power
Pin
-3
---
dBm
Signal Detect -- Asserted
Pa
---
---
-21
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-35
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1100
---
1600
nm
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
2
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
2
Signal Detect Output Voltage -- Low
VOL
0.5
V
Signal Detect Output Voltage -- High
VOH
2.0
V
Notes: 1.Minimum sensitivity and saturation levels at BER=1E-12 for a 2
7-1 PRBS.
2. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.


Similar Part No. - TRSL-9110FG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-9110FAW OPTOWAY-TRSL-9110FAW Datasheet
156Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9110FW OPTOWAY-TRSL-9110FW Datasheet
156Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-9110FG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-9140FG OPTOWAY-TRSL-9140FG Datasheet
122Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-9140FW OPTOWAY-TRSL-9140FW Datasheet
156Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9110FW OPTOWAY-TRSL-9110FW Datasheet
156Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9380FG OPTOWAY-TRSL-9380FG Datasheet
122Kb / 4P
   3.3V / 1550 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-93120FG OPTOWAY-TRSL-93120FG Datasheet
122Kb / 4P
   3.3V / 1550 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
SPS-9140FG OPTOWAY-SPS-9140FG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9110FG OPTOWAY-SPS-9110FG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9110FG OPTOWAY-SPS-9110FG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9140FG OPTOWAY-SPS-9140FG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
TRSL-8120G OPTOWAY-TRSL-8120G Datasheet
129Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com