Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-8380W-CXX0G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRSL-8380W-CXX0G
Description  3.3V / CWDM / 4.25 Gbps Digital Diagnostic SFF LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-8380W-CXX0G Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRSL-8380W-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRSL-8380W-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRSL-8380W-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRSL-8380W-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRSL-8380W-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
TRSL-8380W-CXX0G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2/1/2007 V1.0
3
Receiver Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3. 47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity @ 4.25 Gb/s
Sen1
---
---
2.6
-27
µW
dBm
3
4
Maximum Input Power
Pin
0
---
dBm
Signal Detect -- Asserted
Pa
---
---
-18
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-31
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1260
---
1600
nm
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
5
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
5
Signal Detect Output Voltage -- Low
VOL
0.5
V
Signal Detect Output Voltage -- High
VOH
2.0
V
3. Measured at PRBS 2
7-1 at BERT 1E-12.
4. Represents sensitivity based on OMA spec, as corrected to incoming Extinction Ratio of 9 dB. For example, an OMA of 2.6
µW is
approximately equal to an average power of -27.7 dBm, average with an Extinction ratio of 9 dB.
5. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.


Similar Part No. - TRSL-8380W-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-8380WG OPTOWAY-TRSL-8380WG Datasheet
121Kb / 4P
   3.3V / 1550 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-8380W-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-8340W-CXX0G OPTOWAY-TRSL-8340W-CXX0G Datasheet
140Kb / 5P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8340-CXX0G OPTOWAY-TRSL-8340-CXX0G Datasheet
134Kb / 5P
   3.3V / CWDM / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-8380-CXX0G OPTOWAY-TRSL-8380-CXX0G Datasheet
134Kb / 5P
   3.3V / CWDM / 4.25 Gbps SFF LC SINGLE-MODE TRANSCEIVER
SPS-8380W-CXX0G OPTOWAY-SPS-8380W-CXX0G Datasheet
148Kb / 4P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8360W-CXX0G OPTOWAY-SPS-8360W-CXX0G_08 Datasheet
152Kb / 5P
   3.3V / CWDM/ 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340W-CXX0G OPTOWAY-SPS-8340W-CXX0G Datasheet
148Kb / 4P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8340W-CXX0G OPTOWAY-SPS-8340W-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM/ 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380W-CXX0G OPTOWAY-SPS-8380W-CXX0G_08 Datasheet
153Kb / 5P
   3.3V / CWDM/ 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-83100W-CXX0G OPTOWAY-SPS-83100W-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8360W-CXX0G OPTOWAY-SPS-8360W-CXX0G Datasheet
147Kb / 4P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com