Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600R160-RA Datasheet(PDF) 1 Page - Littelfuse

Part # 600R160-RA
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R160-RA Datasheet(HTML) 1 Page - Littelfuse

  600R160-RA Datasheet HTML 1Page - Littelfuse 600R160-RA Datasheet HTML 2Page - Littelfuse 600R160-RA Datasheet HTML 3Page - Littelfuse 600R160-RA Datasheet HTML 4Page - Littelfuse 600R160-RA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
600R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
• The 600R series is designed to protect against power
fault events typically found in telecom applications.
This series is designed to be used in applications that
need to meet the requirements of GR-1089-CORE and
UL60950/EN60950/IEC60950. These resettable devices
also help to meet the requirements of ITU K.20, K.21 and
K.44.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
600R150
0.15
0.30
600
3
1.00
5.0
8.0
6
12
22
X
X
600R150-RA
0.15
0.30
600
3
1.00
5.0
7.5
7
10
20
X
X
600R150-RB
0.15
0.30
600
3
1.00
4.5
-
9
12
22
X
X
600R160
0.16
0.32
600
3
1.00
7.5
18
4
10
18
X
X
600R160-RA
0.16
0.32
600
3
1.00
9.5
-
4
7
16
X
X
600R160-R1
0.16
0.32
600
3
1.00
9.0
-
4
8
17
X
X
Description
Features
Applications
• RoHS compliant and
lead-free
• Fast time-to-trip
• Binned and sorted narrow
resistance ranges available
• 0.15 – 0.16A Hold current
range, 60VDC operating
voltage
• 600VAC interrupt rating
Secondary overcurrent
protection for:
• Central Office
Equipment (CO)
• Customer Premises
Equipment (CE)
• Alarm Systems
• Set Top Boxes (STB)
• Voice over IP (VOIP)
• Subscriber Line Interface
Circuit (SLIC)
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
60°C
85°C
Part Number
Hold Current (A)
600R150
0.26
0.23
0.19
0.15
0.124
0.062
0.03
600R160
0.27
0.24
0.20
0.16
0.13
0.07
0.05
Temperature Rerating
600R Series
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521


Similar Part No. - 600R160-RA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R160-RA LITTELFUSE-600R160-RA Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
600R160-RA LITTELFUSE-600R160-RA Datasheet
659Kb / 6P
   The 600R Series is designed to protect against power fault events typically found in telecom applications
More results

Similar Description - 600R160-RA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com