Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206L050-C Datasheet(PDF) 2 Page - Littelfuse

Part # 1206L050-C
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L050-C Datasheet(HTML) 2 Page - Littelfuse

  1206L050-C Datasheet HTML 1Page - Littelfuse 1206L050-C Datasheet HTML 2Page - Littelfuse 1206L050-C Datasheet HTML 3Page - Littelfuse 1206L050-C Datasheet HTML 4Page - Littelfuse 1206L050-C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1206L Series
Specifications are subject to change without notice.
2
Electronics Designers Guide
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
1206L012
0.18
0.16
0.14
0.125
0.10
0.09
0.08
0.07
0.05
1206L016
0.22
0.20
0.18
0.16
0.14
0.12
0.10
0.09
0.08
1206L020-C
0.28
0.25
0.23
0.20
0.17
0.15
0.14
0.12
0.09
1206L025-C
0.37
0.33
0.29
0.25
0.22
0.20
0.17
0.15
0.12
1206L035-C
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
1206L035/16
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
1206L050-C
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
1206L050/15
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
1206L075-C
1.14
1.01
0.88
0.75
0.65
0.59
0.54
0.49
0.41
1206L100
1.45
1.31
1.15
1.00
0.84
0.77
0.69
0.61
0.48
1206L110-C
1.52
1.37
1.25
1.1
0.92
0.82
0.75
0.64
0.52
1206L150-C
2.18
1.94
1.72
1.50
1.28
1.17
1.06
0.96
0.77
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20 -10
0
10
20 30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
1
10
100
1000
0.20
1206L Series
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places.
AKL V3.9 06.05.10
Theaveragetimecurrentcurvesandtemperaturereratingcurveperformanceisaffected
byanumberorvariables,andthesecurvesprovidedasguidanceonly.Customermust
verifytheperformanceintheirapplication.


Similar Part No. - 1206L050-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L050-C LITTELFUSE-1206L050-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L050-C LITTELFUSE-1206L050-C Datasheet
395Kb / 5P
   1206L Series
More results

Similar Description - 1206L050-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com