Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600R150-RB Datasheet(PDF) 3 Page - Littelfuse

Part # 600R150-RB
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R150-RB Datasheet(HTML) 3 Page - Littelfuse

  600R150-RB Datasheet HTML 1Page - Littelfuse 600R150-RB Datasheet HTML 2Page - Littelfuse 600R150-RB Datasheet HTML 3Page - Littelfuse 600R150-RB Datasheet HTML 4Page - Littelfuse 600R150-RB Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
600R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Soldering Parameters - Wave Soldering
Condition
Wave Soldering
Peak Temp/ Duration Time
260°C < 5 Sec
> 220°C
2 Sec ~ 20 Sec
Preheat 140°C~ 180°C
180 Sec ~ 210 Sec
Storage Condition
0°C~35°C, < 70%RH
• Recommended soldering methods: heat element oven or
N
2 environment for lead-free
• Devices are designed to be wave soldered to the bottom
side of the board.
• Devices can be cleaned using standard industry methods
and solvents.
• This profile can be used for lead-free device
Note: If soldering temperatures exceed the recommended
profile, devices may not meet the performance
requirements.
Preheating
160
190
220
260
0
2 to 5
Soldering
Cooling
20-30
180 to 210
Time(s)
Protection Application Guide
Region/Specification
Application
Device Selection
North America
Telcordia GR-1089
*Access network equipment
Remote terminal
Repeaters
WAN equipment
Cross -connect
600R150
600R160
North America
TIA-968-A, UL60950
Customer and IT equipment
Analog modems
ADSL, XDSL modems
Phone sets, PBX systems
Internet appliances
POS terminals
600R150
600R160
North America
Telcordia GR-1089
Central Office
POTS/ISDN linecards
T1/E1/J1 linecards
ADSL/VDSL splitters
CSU/DSU
600R150
600R160
North America
Telcordia GR-1089
*Intrabuilding communication systems
LAN, VOIP cards
Local loop handsets
600R150
600R160
South America/Asia/Europe
ITU K.20 and K.21
*Resistance binned parts are recommended


Similar Part No. - 600R150-RB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150-RB LITTELFUSE-600R150-RB Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
600R150-RB LITTELFUSE-600R150-RB Datasheet
659Kb / 6P
   The 600R Series is designed to protect against power fault events typically found in telecom applications
More results

Similar Description - 600R150-RB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com