Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-7380W-CXX0 Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # TRSL-7380W-CXX0
Description  3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-7380W-CXX0 Datasheet(HTML) 3 Page - Optoway Technology Inc

  TRSL-7380W-CXX0 Datasheet HTML 1Page - Optoway Technology Inc TRSL-7380W-CXX0 Datasheet HTML 2Page - Optoway Technology Inc TRSL-7380W-CXX0 Datasheet HTML 3Page - Optoway Technology Inc TRSL-7380W-CXX0 Datasheet HTML 4Page - Optoway Technology Inc TRSL-7380W-CXX0 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
TRSL-7380W-CXX0
***************************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/30/2004 V2.0
Receiver Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3. 5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-24
dBm
1
Maximum Input Power
Pin
-3
0
---
dBm
Signal Detect -- Asserted
Pa
---
---
-24
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-36
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1100
---
1620
nm
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
2
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
2
Signal Detect Output Voltage -- Low
VOL
0.8
V
Signal Detect Output Voltage -- High
VOH
2.0
V
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-12 for a 2
7-1 PRBS.
2. These outputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
ANALOG DIAGNOSTICS FUNCTIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Transmitter
Laser Bias Current Monitor
Bmon+, Bmon-
0
Vcc
V
1
Monitor Photodiode Current Monitor
Pmon+,Pmon-
0
Vcc
V
2
Receiver
Received Photocurrent
Rpd
0
1
mA
3
Photodiode Responsivity
R
0.5
0.9
1.0
A/W
Applied Voltage at VpdR pin
Vpd
2.4
Vcc
V
3
Notes: 1. PIN 17 and 18 provide an analog voltage output proportional to the laser bias current, based on the following
formula: Ibias = V (Bmon+ - Bmon-) / 10 Ω. See below the equivalent circuit.
2. PIN 19 and 20 provide an analog voltage output proportional to the monitor photodiode current, based on the
following formula: Imon = V (Pmon+ - Pon-) / 200Ω. See below the equivalent circuit.
3. PIN 1 is used to monitor the received photocurrent. It must be connected to a positive voltage within the specified
above. The received power is given by the photocurrent multiplied by the photodiode responsivity.
RX PD
T
Vpdr
Monitor PD
200ohm
VCC
control
circuit
Pmon+
Pmon-
3K
3K
LD
10ohm
VCC
bias
circuit
BM+
BM-
3K
3K
I bias
I mon
I pd
Analog Monitoring Function Connections


Similar Part No. - TRSL-7380W-CXX0

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7380W OPTOWAY-TRSL-7380W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-7380W-CXX0

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-7350W-CXX0 OPTOWAY-TRSL-7350W-CXX0 Datasheet
158Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7385W-CXX0 OPTOWAY-TRSL-7385W-CXX0 Datasheet
157Kb / 5P
   3.3V / CWDM / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9380FW-CXX0 OPTOWAY-TRSL-9380FW-CXX0 Datasheet
159Kb / 5P
   3.3V / CWDM / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7130W OPTOWAY-TRSL-7130W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7350W OPTOWAY-TRSL-7350W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7120W OPTOWAY-TRSL-7120W Datasheet
155Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7110W OPTOWAY-TRSL-7110W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7140W OPTOWAY-TRSL-7140W Datasheet
156Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W OPTOWAY-TRSL-7380W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7385C-CXX0G OPTOWAY-TRSL-7385C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com