Part Name
         Description
TRSL-7350C-CXX0G

 3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER ( 5 Page)


OPTOWAY
100% 
Zoom Out Zoom In
   
 3 page
background image
Optoway
TRSL-7350C-CXX0G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
12/1/2005 V3.0
3
Receiver Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3. 47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-24
dBm
1
Maximum Input Power
Pin
-3
0
---
dBm
Signal Detect -- Asserted
Pa
---
---
-24
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-33
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1100
---
1620
nm
Electrical
Data Output Voltage – Low
VOL - VCC
-2.0
-1.58
V
2
Data Output Voltage – High
VOH - VCC
-1.1
-0.74
V
2
Signal Detect Output Voltage -- Low
VOL
0.8
V
Signal Detect Output Voltage -- High
VOH
2.0
V
TRSL-7350C-CXX0G
Signal Detect Output Voltage -- Low
VOL - VCC
-2.0
-1.58
V
Signal Detect Output Voltage -- High
VOH - VCC
-1.1
-0.74
V
TRSL-7350-CXX0G
1. Minimum sensitivity and saturation levels at BER=1E-12 for a 2
7-1 PRBS.
2. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
CONNECTION DIAGRAM
PIN
Symbol
Notes
1
VEEr
Directly connect this pin to the receiver ground plane
2
VCC r
+3.3V dc power for the receiver section
3
SD
Active high on this indicates a received optical signal.
4
RD
Receiver Dataout Bar. See recommended circuit schematic
5
RD+
Receiver Dataout. See recommended circuit schematic
6
VCC t
+3.3V dc power for the transmitter section
7
VEEt
Directly connect this plan to the transmitter ground plane
8
TDis
Transmitter Disable. Connect this pin to +3.3V TTL logic “1” to disable module
To enable module connect to TTL logic low “0”
9
TD+
Transmitter Data In. See recommended circuit schematic
10
TD-
Transmitter Data In Bar. See recommended circuit schematic
MS
MS
Mounting Studs. Connect to Chassis Ground



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TRSL-7130CG3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
TRSL-7140CG3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
TRS-7350-CXX0GCWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver 1 2 3 4 5 Optoway Technology Inc
TRS-7380-CXX0GCWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver 1 2 3 4 5 Optoway Technology Inc
TRS-7385-CXX0GCWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver 1 2 3 4 5 Optoway Technology Inc
TRS-73120-CXX0GCWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver 1 2 3 4 5 Optoway Technology Inc
TRSL-7110CG3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
TRSL-7120CG3.3V / 1310 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER 1 2 3 4 Optoway Technology Inc
TRS-7120G3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver 1 2 3 4 5 Optoway Technology Inc
TRS-7130G3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver 1 2 3 4 5 Optoway Technology Inc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl