Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-5380G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRSL-5380G
Description  3.3V / 1550 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-5380G Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRSL-5380G Datasheet HTML 1Page - Optoway Technology Inc TRSL-5380G Datasheet HTML 2Page - Optoway Technology Inc TRSL-5380G Datasheet HTML 3Page - Optoway Technology Inc TRSL-5380G Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
TRSL-5380G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
4
PACKAGE DIAGRAM
Units in mm
1) Standard Case
TRSL-5380G / TRSL-5380AG / TRSL-5380CG / TRSL-5380ACG
2) Extended Case
TRSL-5380EG / TRSL-5380AEG / TRSL-5380CEG / TRSL-5380ACEG
Note: Specifications subject to change without notice.


Similar Part No. - TRSL-5380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5380-CXX0 OPTOWAY-TRSL-5380-CXX0 Datasheet
128Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380AWG OPTOWAY-TRSL-5380AWG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
   3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380WG OPTOWAY-TRSL-5380WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-5380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5120AG OPTOWAY-TRSL-5120AG Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5120G OPTOWAY-TRSL-5120G Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-33100G OPTOWAY-TRSL-33100G Datasheet
124Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3320G OPTOWAY-TRSL-3320G Datasheet
113Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380WG OPTOWAY-TRSL-5380WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33120G OPTOWAY-TRSL-33120G Datasheet
124Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3320AG OPTOWAY-TRSL-3320AG Datasheet
113Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3380G OPTOWAY-TRSL-3380G Datasheet
113Kb / 4P
   3.3V / 1550 nm / 155 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5120AWG OPTOWAY-TRSL-5120AWG Datasheet
150Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5140WG OPTOWAY-TRSL-5140WG Datasheet
158Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com