Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-5140WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRSL-5140WG
Description  3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-5140WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRSL-5140WG Datasheet HTML 1Page - Optoway Technology Inc TRSL-5140WG Datasheet HTML 2Page - Optoway Technology Inc TRSL-5140WG Datasheet HTML 3Page - Optoway Technology Inc TRSL-5140WG Datasheet HTML 4Page - Optoway Technology Inc TRSL-5140WG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
TRSL-5140WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
1
TRSL-5140WG / TRSL-5140AWG
3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Duplex LC Single Mode Transceiver
l SONET OC-12 LR-1 / SDH STM-4 (L-4.1) Compliant
l Small Form Factor, RJ-45 size, 2X10 pin Package
l 1310 nm LD Transmitter
l 25 dB Link Budget at Least
l Analog Monitor Function
-- Transmitter Laser Bias Current
-- Transmitter Laser Optical Power Monitor
-- Receiver Photo Detector Current
l LVPECL Signal Input / Output
l LVTTL Transmitter Disable Input
l LVTTL Signal Detection Output
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: TRSL-5140WG
l -40 to 85oC Operation: TRSL-5140WG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l ATM 622 Mbps Links
l SONET/SDH Equipment Interconnect
l Fiber Channel 533 Mb/s Links
DESCRIPTION
The TRSL-5140WG series single mode transceivers is
small form factor, low power, high performance module for
bi-directional serial optical data communications such as
SONET OC-12 LR-1 / SDH STM-4 (L-4.1) and Fast
Ethernet. This module is designed for single mode fiber and
operates at a nominal wavelength of 1310 nm. A guaranteed
minimum optical link budget of 25 dB is offered which can
correspond to a link distance of over 40 km (assuming worst
case fiber loss of 0.45 dB/km). The transmitter section
uses a 1310 nm multiple quantum well DFB laser and is a
class 1 laser compliant according to International Safety
Standard IEC-60825. The receiver section uses an
integrated InGaAs detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC. A PECL
logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Complaint
TRSL-5140WG
622
LR-1/L-4.1
40
1310
2X10 LC
0 to 70
2 to -3
-28
Yes
TRSL-5140AWG
622
LR-1/L-4.1
40
1310 DFB
2X10 LC
-40 to 85
2 to -3
-28
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-20
70
85
oC
TRSL-5140WG
TRSL-5140AWG/air flow 1m/sec
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
-20
70
85
oC / TRSL-5140WG
oC / TRSL-5140AWG/air flow 1m/sec
Data Rate
50
622
Mb/s
Power Supply Current
Icc
200
300
mA


Similar Part No. - TRSL-5140WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5140ACG OPTOWAY-TRSL-5140ACG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140ACG OPTOWAY-TRSL-5140ACG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5140CG OPTOWAY-TRSL-5140CG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-5140WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5120AWG OPTOWAY-TRSL-5120AWG Datasheet
150Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5120WG OPTOWAY-TRSL-5120WG Datasheet
150Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5120AG OPTOWAY-TRSL-5120AG Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5120G OPTOWAY-TRSL-5120G Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRML-5101G OPTOWAY-TRML-5101G Datasheet
94Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRML-5101AG OPTOWAY-TRML-5101AG Datasheet
94Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
TRSL-5380WG OPTOWAY-TRSL-5380WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-3150WG OPTOWAY-TRSL-3150WG Datasheet
159Kb / 5P
   3.3V / 1310 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380G OPTOWAY-TRSL-5380G Datasheet
125Kb / 4P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-3130WG OPTOWAY-TRSL-3130WG Datasheet
159Kb / 5P
   3.3V / 1310 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com