Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-7385-CXX0G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRS-7385-CXX0G
Description  CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-7385-CXX0G Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRS-7385-CXX0G Datasheet HTML 1Page - Optoway Technology Inc TRS-7385-CXX0G Datasheet HTML 2Page - Optoway Technology Inc TRS-7385-CXX0G Datasheet HTML 3Page - Optoway Technology Inc TRS-7385-CXX0G Datasheet HTML 4Page - Optoway Technology Inc TRS-7385-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
TRS-7385-CXX0G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V3.0
4
RECOMMENDED CIRCUIT SCHEMATIC
For TTL SD Level, R1=R2=N.C., R7=100 ohm
For PECL SD Level, R1=130 ohm, R2=82 ohm, R7=100 ohm
The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The
power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx
Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.
PACKAGE DIAGRAM
Units in mm
1) SC Type with Extended Shielding
TX OPTICAL
RX OPTICAL
TRS-7385-CXX0-EMG / TRS-7385C-CXX0-EMG
10nF
10uF
SD Level
10nF
10uF
Vcc 3.3V
RX GND
1
2
3
4
5
6
7
8
9
POST
Amp
LD
Driver
Z=50R
Z=50R
Z=50R
Z=50R
CDR or PHY DEVICE
TX GND
1uH
1uH
VCC 3.3V
VCC 3.3V
LVPECL
LVPECL
TD-
TD+
TX Vcc
RX Vcc
RD-
RD+
0.1uF
0.1uF
0.1uF
0.1uF
100R
180R
180R
Transceiver
SerDes IC
R7
R1
R2
VCC 3.3V
SD
RD-
RD+
TD-
TD+


Similar Part No. - TRS-7385-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-7380-CXX0G OPTOWAY-TRS-7380-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7380AG OPTOWAY-TRS-7380AG Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7380G OPTOWAY-TRS-7380G Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-7385-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-7380-CXX0G OPTOWAY-TRS-7380-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7350-CXX0G OPTOWAY-TRS-7350-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-73120-CXX0G OPTOWAY-TRS-73120-CXX0G Datasheet
108Kb / 5P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-73160-CXX0G OPTOWAY-TRS-73160-CXX0G Datasheet
78Kb / 4P
   CWDM 3.3V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-72120-CXX0G OPTOWAY-TRS-72120-CXX0G Datasheet
78Kb / 4P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7280-CXX0G OPTOWAY-TRS-7280-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7250-CXX0G OPTOWAY-TRS-7250-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7285-CXX0G OPTOWAY-TRS-7285-CXX0G Datasheet
106Kb / 5P
   CWDM 5V / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRSL-7385C-CXX0G OPTOWAY-TRSL-7385C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-73120C-CXX0G OPTOWAY-TRSL-73120C-CXX0G Datasheet
128Kb / 5P
   3.3V / CWDM / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com