Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-7120G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRS-7120G
Description  3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-7120G Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRS-7120G Datasheet HTML 1Page - Optoway Technology Inc TRS-7120G Datasheet HTML 2Page - Optoway Technology Inc TRS-7120G Datasheet HTML 3Page - Optoway Technology Inc TRS-7120G Datasheet HTML 4Page - Optoway Technology Inc TRS-7120G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
TRS-7120G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V4.0
4
PACKAGE DIAGRAM
Units in mm
1) SC Type With Extended Shielding
TX OPTICAL
RX OPTICAL
TRS-7120-EMG / TRS-7120C-EMG
2) ST Type
RX OPTICAL
TX OPTICAL
TRS-7120TG / TRS-7120TCG


Similar Part No. - TRS-7120G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-7110AG OPTOWAY-TRS-7110AG Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7110G OPTOWAY-TRS-7110G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7130AG OPTOWAY-TRS-7130AG Datasheet
107Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7130G OPTOWAY-TRS-7130G Datasheet
107Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7140AG OPTOWAY-TRS-7140AG Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-7120G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-7140G OPTOWAY-TRS-7140G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7110G OPTOWAY-TRS-7110G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7130G OPTOWAY-TRS-7130G Datasheet
107Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7010G OPTOWAY-TRS-7010G Datasheet
105Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7030G OPTOWAY-TRS-7030G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7020G OPTOWAY-TRS-7020G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9140CG OPTOWAY-TRS-9140CG Datasheet
123Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7350G OPTOWAY-TRS-7350G Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7380G OPTOWAY-TRS-7380G Datasheet
106Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9102G OPTOWAY-TRS-9102G Datasheet
125Kb / 5P
   3.3V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com