Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-7030G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRS-7030G
Description  5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-7030G Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRS-7030G Datasheet HTML 1Page - Optoway Technology Inc TRS-7030G Datasheet HTML 2Page - Optoway Technology Inc TRS-7030G Datasheet HTML 3Page - Optoway Technology Inc TRS-7030G Datasheet HTML 4Page - Optoway Technology Inc TRS-7030G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
TRS-7030G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V3.0
1
TRS-7030G / TRS-7030TG / TRS-7030FG / TRS-7030CG / TRS-7030CTG / TRS-7030CFG
5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Duplex SC Single Mode Transceiver: TRS-7030G
l Duplex ST Single Mode Transceiver: TRS-7030TG
l Duplex FC Single Mode Transceiver: TRS-7030FG
l Compliant with IEEE-802.3z Gigabit Ethernet
l Distance up to 30 km
l Link Power Budget at Least 19 dB
l Industry Standard 1 x 9 Footprint
l 0 to 70oC Operating
l Single +5 V Power Supply
l RoHS Compliant
l PECL Signal Detect Output: TRS-7030G
l TTL Signal Detect Output: TRS-7030CG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Switch to Switch Interface
l High Speed Interface for File Servers
l High Performance Desktops
DESCRIPTION
The TRS-7030G series single mode transceivers is low
power, high performance module for bi-directional serial
optical data communications such Gigabit Ethernet and
Fibre Channel. This module is designed for single mode
fiber and operates at a nominal wavelength of 1310 nm. The
transmitter section uses a multiple quantum well laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated InGaAs detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC. A PECL
logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
1000
BASE
Distance
(km)
Wavelength
(nm)
Voltage
(V)
Package
Temp.
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRS-7030G
1250
30
1310
5
1X9 SC/ST/FC
0 to 70
0 to -5
-24
Y
Note: TRS-XXXXXF for FC duplex transceiver, TRS-XXXXXT for ST duplex transceiver, TRS-XXXXX-EM for SC duplex transceiver
with extended EMI shielding, TRS-XXXXXCX for transceiver with TTL signal detection output.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
Vcc
4.75
5
5.25
V
Operating Temperature
Topr
0
70
oC
Data Rate
1250
1300
Mb/s
Power Supply Current
Icc
270
mA


Similar Part No. - TRS-7030G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-7010AG OPTOWAY-TRS-7010AG Datasheet
105Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7010G OPTOWAY-TRS-7010G Datasheet
105Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7020G OPTOWAY-TRS-7020G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-7030G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-7010G OPTOWAY-TRS-7010G Datasheet
105Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7020G OPTOWAY-TRS-7020G Datasheet
104Kb / 5P
   5V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7120G OPTOWAY-TRS-7120G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7140G OPTOWAY-TRS-7140G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7110G OPTOWAY-TRS-7110G Datasheet
106Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7130G OPTOWAY-TRS-7130G Datasheet
107Kb / 5P
   3.3V / 1310 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-7280G OPTOWAY-TRS-7280G Datasheet
105Kb / 5P
   5V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-72120G OPTOWAY-TRS-72120G Datasheet
103Kb / 5P
   5V / 1550 nm / 1.25 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9015G OPTOWAY-TRS-9015G Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
TRS-9040G OPTOWAY-TRS-9040G Datasheet
123Kb / 5P
   5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com