Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95M01-RMN6TG Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95M01-RMN6TG
Description  1 Mbit serial SPI bus EEPROM with high speed clock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-RMN6TG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95M01-RMN6TG Datasheet HTML 6Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 7Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 8Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 9Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 10Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 11Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 12Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 13Page - STMicroelectronics M95M01-RMN6TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Connecting to the SPI bus
M95M01-R
10/39
3
Connecting to the SPI bus
These devices are fully compatible with the SPI protocol.
All instructions, addresses and input data bytes are shifted in to the device, most significant
bit first. The Serial Data Input (D) is sampled on the first rising edge of the Serial Clock (C)
after Chip Select (S) goes Low.
All output data bytes are shifted out of the device, most significant bit first. The Serial Data
Output (Q) is latched on the first falling edge of the Serial Clock (C) after the instruction
(such as the Read from Memory Array and Read Status Register instructions) have been
clocked into the device.
Figure 3.
Bus master and memory devices on the SPI bus
1.
The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
Figure 3 shows an example of three memory devices connected to an MCU, on an SPI bus.
Only one device is selected at a time, so only one device drives the Serial Data Output (Q)
line at a time, the other devices are high impedance.
The pull-up resistor R (represented in Figure 3) ensures that no device is selected if the Bus
Master leaves the S line in the high impedance state.
In applications where the Bus Master might enter a state where all inputs/outputs SPI lines
are in high impedance at the same time (for example, if the Bus Master is reset during the
transmission of an instruction), the clock line (C) must be connected to an external pull-
down resistor so that, if all inputs/outputs become high impedance, the C line is pulled Low
(while the S line is pulled High). This ensures that S and C do not become High at the same
time, and so, that the tSHCH requirement is met.
AI12836b
SPI Bus Master
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R


Similar Part No. - M95M01-RMN6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-RMN6TG STMICROELECTRONICS-M95M01-RMN6TG Datasheet
320Kb / 40P
   1 Mbit serial SPI bus EEPROM with high speed clock
More results

Similar Description - M95M01-RMN6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-R STMICROELECTRONICS-M95M01-R_08 Datasheet
320Kb / 40P
   1 Mbit serial SPI bus EEPROM with high speed clock
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
   1-Mbit serial SPI bus EEPROM
February 2017 Rev 14
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
   1 Mbit SPI Bus Serial EEPROM
2007
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
   1 Mbit SPI Bus Serial EEPROM
01/27/15
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
25LC1024 MICROCHIP-25LC1024_08 Datasheet
480Kb / 32P
   1 Mbit SPI Bus Serial EEPROM
2008
25LC1024 MICROCHIP-25LC1024 Datasheet
705Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-W STMICROELECTRONICS-M95512-W Datasheet
531Kb / 31P
   512Kbit Serial SPI Bus EEPROM With High Speed Clock
June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com