Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95M01-RMN6TP Datasheet(PDF) 8 Page - STMicroelectronics

Part # M95M01-RMN6TP
Description  1 Mbit serial SPI bus EEPROM with high speed clock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-RMN6TP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M95M01-RMN6TP Datasheet HTML 4Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 5Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 6Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 7Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 8Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 9Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 10Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 11Page - STMicroelectronics M95M01-RMN6TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Signal description
M95M01-R
8/39
2
Signal description
During all operations, VCC must be held stable and within the specified valid range:
VCC(min) to VCC(max).
All of the input and output signals must be held High or Low (according to voltages of VIH,
VOH, VIL or VOL, as specified in Table 11). These signals are described next.
2.1
Serial Data Output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (C).
2.2
Serial Data Input (D)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be written. Values are latched on the rising edge of Serial Clock
(C).
2.3
Serial Clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on
Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
2.4
Chip Select (S)
When this input signal is High, the device is deselected and Serial Data Output (Q) is at high
impedance. Unless an internal Write cycle is in progress, the device will be in the Standby
Power mode. Driving Chip Select (S) Low selects the device, placing it in the Active Power
mode.
After Power-up, a falling edge on Chip Select (S) is required prior to the start of any
instruction.
2.5
Hold (HOLD)
The Hold (HOLD) signal is used to pause any serial communications with the device without
deselecting the device.
During the Hold condition, the Serial Data Output (Q) is high impedance, and Serial Data
Input (D) and Serial Clock (C) are Don’t Care.
To start the Hold condition, the device must be selected, with Chip Select (S) driven Low.


Similar Part No. - M95M01-RMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-RMN6TP STMICROELECTRONICS-M95M01-RMN6TP Datasheet
320Kb / 40P
   1 Mbit serial SPI bus EEPROM with high speed clock
More results

Similar Description - M95M01-RMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-R STMICROELECTRONICS-M95M01-R_08 Datasheet
320Kb / 40P
   1 Mbit serial SPI bus EEPROM with high speed clock
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
   1-Mbit serial SPI bus EEPROM
February 2017 Rev 14
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
   1 Mbit SPI Bus Serial EEPROM
2007
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
   1 Mbit SPI Bus Serial EEPROM
01/27/15
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
25LC1024 MICROCHIP-25LC1024_08 Datasheet
480Kb / 32P
   1 Mbit SPI Bus Serial EEPROM
2008
25LC1024 MICROCHIP-25LC1024 Datasheet
705Kb / 34P
   1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-W STMICROELECTRONICS-M95512-W Datasheet
531Kb / 31P
   512Kbit Serial SPI Bus EEPROM With High Speed Clock
June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com