Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6662 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6662
Description  12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6662 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6662 Datasheet HTML 1Page - Maxim Integrated Products MAX6662 Datasheet HTML 2Page - Maxim Integrated Products MAX6662 Datasheet HTML 3Page - Maxim Integrated Products MAX6662 Datasheet HTML 4Page - Maxim Integrated Products MAX6662 Datasheet HTML 5Page - Maxim Integrated Products MAX6662 Datasheet HTML 6Page - Maxim Integrated Products MAX6662 Datasheet HTML 7Page - Maxim Integrated Products MAX6662 Datasheet HTML 8Page - Maxim Integrated Products MAX6662 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
12-Bit + Sign Temperature Sensor with
SPI-Compatible Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, TA = -55°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = +3.3V.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Are Referenced to GND
VCC ...........................................................................-0.3V to +6V
ALERT, OT................................................................-0.3V to +6V
SIO, SCLK,
CS............................................-0.3V to (VCC + 0.3V)
SIO Current .......................................................-10mA to +50mA
Continuous Current into Any Pin (except NC)….................10mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
Operating Temperature Range (Note 1) ..........-55°C to +150°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: The MAX6662 is not recommended to operate above +125°C for an extended period of time.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE TO DIGITAL-CONVERTER CHARACTERISTICS
+30°C
≤ TA ≤ +50°C, VCC = +3.3V
-1.0
±0.4
+1.0
0°C
≤ TA ≤ +70°C, VCC = +3.3V
-1.6
±0.7
+1.6
-20°C
≤ TA ≤ +85°C, VCC = +3.3V
-2.5
±1.0
+2.5
-40°C
≤ TA ≤ +100°C, VCC = +3.3V
-3.0
±1.2
+3.0
-55°C
≤ TA ≤ +125°C, VCC = +3.3V
-4.0
±1.5
+4.0
Accuracy
TA
≤ +150°C, VCC = +3.3V
±2.5
°C
Power-Supply Rejection Ratio
PSRR
0.2
0.5
°C/V
Resolution
0.0625
°C
Supply Voltage Range
VCC
3.0
5.5
V
VCC = +5.5V
150
Average Operating Current
VCC = +3.0V
125
µA
VCC = +5.5V
300
600
Peak Operating Current (Note 2)
VCC = +3.0V
300
500
µA
VCC = +5.5V
8
22
Shutdown Supply Current
VCC = +3.0V
4
15
µA
Power-On-Reset Threshold
VPOR
2.0
2.5
V
Power-On-Reset Threshold
Hysteresis
90
mV
Conversion Time
tCONV
0.25
s
Temperature Update Frequency
2Hz
SERIAL INTERFACE (SIO, SCLK,
CS, ALERT, OT)
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
0.7 VCC
V
Input/Output Leakage Current
ILEAK
VIN = GND or VCC
-5
+5
µA
Input Capacitance
Cin
5pF
Output Low Sink Current
IOL
ALERT, OT, VOL = 0.6V
3
mA
Output High Voltage
VOH
ISIO = 1.6mA source
VCC - 0.4
V
Output Low VoltageVOL
ISIO = 1.6mA sink
0.4
V


Similar Part No. - MAX6662

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6662MSA MAXIM-MAX6662MSA Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
More results

Similar Description - MAX6662

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6633 MAXIM-MAX6633 Datasheet
210Kb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Rev 0; 8/01
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 TI-LM74_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com