Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS2380 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS2380
Description  Dual Integrated Solenoid Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS2380 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS2380 Datasheet HTML 1Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 2Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 3Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 4Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 5Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 6Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 7Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 8Page - Fairchild Semiconductor FDMS2380 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FDMS2380 Rev. A
www.fairchildsemi.com
2
Pin Assignment
Pin Description
QFN Pin
Pin Name
Pin Description
1, 3, 14, 18, pad OUT2
OUT2
Power Driver Output (Ch2)
2
GND2
Ground (Ch2)
4, 13, pad VBATT
VBATT
Battery Supply Voltage. Battery supply is common to both channels
5, 9, 10, 12, pad OUT1
OUT1
Power Driver Output (Ch1)
6
DIAG1
Diagnostic Flag (Ch1). Open drain output.
7
INB1
Input Control Signal B (Ch1)
8
INA1
Input Control Signal A (Ch1)
11
GND1
Ground (Ch1)
15
DIAG2
Diagnostic Flag (Ch2). Open drain output.
16
INB2
Input Control Signal B (Ch2)
17
INA2
Input Control Signal A (Ch2)
OUT1
OUT2
1
GND2
2
OUT2
3
VBATT
4
OUT1
5
DIAG1
6
INB1
7
INA1
8
OUT1
9
18
OUT2
17
INA2
16
INB2
15
DIAG2
14
OUT2
13
VBATT
12
OUT1
11
GND1
10
OUT1
VBATT
OUT2
TOP VIEW


Similar Part No. - FDMS2380

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2502SDC FAIRCHILD-FDMS2502SDC Datasheet
591Kb / 2P
   DUAL COOL??PACKAGED POWERTRENCH짰 MOSFETS
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
FDMS2672 FAIRCHILD-FDMS2672 Datasheet
508Kb / 7P
   N-Channel UltraFET Trench MOSFET 200V, 20A, 77mohm
More results

Similar Description - FDMS2380

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99SD01 STMICROELECTRONICS-L99SD01 Datasheet
1Mb / 2P
   Integrated solenoid driver
L295 STMICROELECTRONICS-L295 Datasheet
112Kb / 8P
   DUAL SWITCH-MODE SOLENOID DRIVER
L295 STMICROELECTRONICS-L295_03 Datasheet
138Kb / 7P
   DUAL SWITCH-MODE SOLENOID DRIVER
logo
NTE Electronics
NTE1478 NTE-NTE1478 Datasheet
19Kb / 2P
   Integrated Circuit Solenoid Driver & Signal Sensing Circuit
logo
Pepperl+Fuchs Inc.
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
   Solenoid Driver
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
   Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
   Solenoid Driver
HIC2873 PF-HIC2873 Datasheet
733Kb / 5P
   Solenoid Driver
KCD0-SD3-EX1.1245 PF-KCD0-SD3-EX1.1245 Datasheet
882Kb / 4P
   Solenoid Driver
HIC2883 PF-HIC2883 Datasheet
947Kb / 6P
   Solenoid Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com