Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS-3160G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRS-3160G
Description  3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRS-3160G Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRS-3160G Datasheet HTML 1Page - Optoway Technology Inc TRS-3160G Datasheet HTML 2Page - Optoway Technology Inc TRS-3160G Datasheet HTML 3Page - Optoway Technology Inc TRS-3160G Datasheet HTML 4Page - Optoway Technology Inc TRS-3160G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
TRS-3160G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
4
PACKAGE DIAGRAM
Units in mm
1) SC Type
TX OPTICAL
RX OPTICAL
TRS-3160G
2) ST Type
RX OPTICAL
TX OPTICAL
TRS-3160TG


Similar Part No. - TRS-3160G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3160G OPTOWAY-TRS-3160G Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160G OPTOWAY-TRS-3160G_06 Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRS-3160G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3150G OPTOWAY-TRS-3150G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3160G OPTOWAY-TRS-3160G_06 Datasheet
131Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3130G OPTOWAY-TRS-3130G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3180G OPTOWAY-TRS-3180G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3120G OPTOWAY-TRS-3120G Datasheet
133Kb / 5P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRM-3102G OPTOWAY-TRM-3102G Datasheet
122Kb / 4P
   3.3V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
TRS-3050G OPTOWAY-TRS-3050G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3030G OPTOWAY-TRS-3030G Datasheet
142Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3080G OPTOWAY-TRS-3080G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3060G OPTOWAY-TRS-3060G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com