Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5497ETE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5497ETE
Description  10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5497ETE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5497ETE Datasheet HTML 1Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 2Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5497ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
10-Bit, Dual, Nonvolatile, Linear-Taper
Digital Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VSS = GND = 0, VH_ = VDD, VL_ = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VDD = +5.0V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +6.0V
VSS to GND............................................................-6.0V to +0.3V
VDD to VSS .............................................................-0.3V to +6.0V
H1, H2, L1, L2, W1, W2 to VSS.........(VSS - 0.3V) to (VDD + 0.3V)
CS, SCLK, DIN to GND ..............................-0.3V to (VDD + 0.3V)
Maximum Continuous Current into H_, L_, and W_
MAX5494/MAX5496/MAX5498 ....................................±5.0mA
MAX5495/MAX5497/MAX5499 ....................................±1.0mA
Maximum Current Into Other Pins .................................±50.0mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 20.8mW/°C above +70°C) ....1666.7mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (MAX5494/MAX5495/MAX5498/MAX5499 Programmable Voltage-Divider)
Resolution
N
10
Bits
VDD = 2.7V
±2
Integral Nonlinearity (Note 2)
INL
VDD = 5V
±2
LSB
VDD = 2.7V
±1
Differential Nonlinearity (Note 2)
DNL
VDD = 5V
±1
LSB
End-to-End Resistance
Temperature Coefficient
TCR
35
ppm/°C
Ratiometric Temperature
Coefficient
5
ppm/°C
MAX5494/MAX5498
-4
-2.5
0
Full-Scale Error
FSE
MAX5495/MAX5499
-4
-0.75
0
LSB
MAX5494/MAX5498
0
3.3
5
Zero-Scale Error
ZSE
MAX5495/MAX5499
0
1.45
5
LSB
Wiper Capacitance
CW
60
pF
MAX5494/MAX5498
7.5
10
12.5
End-to-End Resistance
RHL
MAX5495/MAX5499
37.5
50
62.5
k
MAX5494
0.05
Channel-to-Channel Division
Ratio Matching
VDD = 3V, midcode: 512
MAX5495
0.15
%
MAX5494/MAX5498, W_ at 15 code, H_ and
L_ shorted to VSS, measure resistance from
W_ to H_ (Figures 4 and 5)
6.3
Resistance from W_ to L_ and H_
MAX5495/MAX5499, W_ at 15 code, H_ and
L_ shorted to VSS, measure resistance from
W_ to H_ (Figures 4 and 5)
25
k


Similar Part No. - MAX5497ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5497ETE MAXIM-MAX5497ETE Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
More results

Similar Description - MAX5497ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com