Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRISMPS1 Datasheet(PDF) 3 Page - International Rectifier

Part # IRISMPS1
Description  REFERENCE DESIGN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS1 Datasheet(HTML) 3 Page - International Rectifier

  IRISMPS1 Datasheet HTML 1Page - International Rectifier IRISMPS1 Datasheet HTML 2Page - International Rectifier IRISMPS1 Datasheet HTML 3Page - International Rectifier IRISMPS1 Datasheet HTML 4Page - International Rectifier IRISMPS1 Datasheet HTML 5Page - International Rectifier IRISMPS1 Datasheet HTML 6Page - International Rectifier IRISMPS1 Datasheet HTML 7Page - International Rectifier IRISMPS1 Datasheet HTML 8Page - International Rectifier IRISMPS1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
IRISMPS1
on. This is also the lowest point of the resonant voltage at the drain pin of the IRIS4007K, so results in reduced
switching losses.
If the DC input voltage changes but the load stays constant, the primary current ramp will now be steeper
resulting in a shorter ON time, but still the same off time as it still takes the same amount of time to transfer the
same energy to the output. The reduced ON time leads to a higher operating frequency.
If the DC input voltage remains constant, but the load is reduced, the secondary side voltage monitoring
circuit (ISO1A/R5/D3) will see an increase in the voltage, as the circuit is still passing the same energy to the
secondary side, but less current is being drawn. This causes the zener diode D3 to conduct, which leads to a
current flow in the optocoupler ISO1A, which gets passed across the transformer boundary to the phototransistor
part of the optocoupler ISO1B. This in turn creates a voltage drop across R9, generating an offset voltage at the
FB pin which reduces the current required through the current sense resistor R10 needed to reach a voltage
of 0.73typ (Vth1 threshold) at the FB pin, and hence less energy is put into the transformer, reducing both the
ON time and the OFF time.
Circuit Waveforms
The following plots show waveforms taken from the circuit under various stated conditions
Fig 1) Drain (D) voltage of IRIS4007K (CH1) and Vcc voltage (CH2) at start-up
Fig 1) shows the drain voltage of the IRIS4007K and the Vcc voltage during start-up with full load output
with a 48VDC input. Note the small dip in the Vcc voltage as the circuit starts to operate, and also the
reflected voltage at the drain due from the output, raising the drain voltage above the DC bus.


Similar Part No. - IRISMPS1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISMPS3 IRF-IRISMPS3 Datasheet
318Kb / 15P
   International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
   IRISMPS5 DEMO BOARD USER GUIDE
More results

Similar Description - IRISMPS1

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
   Energy Meter Reference Design
2012
logo
Intersil Corporation
ISL6844 INTERSIL-ISL6844 Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com