Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1113-BQFR Datasheet(PDF) 8 Page - ams AG

Part # AS1113-BQFR
Description  50mA, 16-Channel LED Driver with Diagnostics
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113-BQFR Datasheet(HTML) 8 Page - ams AG

Back Button AS1113-BQFR Datasheet HTML 4Page - ams AG AS1113-BQFR Datasheet HTML 5Page - ams AG AS1113-BQFR Datasheet HTML 6Page - ams AG AS1113-BQFR Datasheet HTML 7Page - ams AG AS1113-BQFR Datasheet HTML 8Page - ams AG AS1113-BQFR Datasheet HTML 9Page - ams AG AS1113-BQFR Datasheet HTML 10Page - ams AG AS1113-BQFR Datasheet HTML 11Page - ams AG AS1113-BQFR Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 24
AS1113
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1113 is designed to drive up to 16 LEDs through a fast serial interface and 16 constant-current output drivers.
Furthermore, the AS1113 provides diagnostics for detecting open- or shorted-LEDs, as well as over-temperature con-
ditions for LED display systems, especially LED traffic sign applications.
The AS1113 contains an 16-bit shift register and an 16-bit data register, which convert serial input data into parallel out-
put format. At AS1113 output stages, sixteen regulated current sinks are designed to provide uniform and constant cur-
rent with excellent matching between ports for driving LEDs within a wide range of forward voltage variations. External
output current is adjustable from 0.5 to 50mA using an external resistor for flexibility in controlling the brightness inten-
sity of LEDs. The AS1113 guarantees to endure 15V maximum at the outputs.
The serial interface is capable of operating at a minimum of 30 MHz, satisfying the requirements of high-volume data
transmission.
Using a multiplexed input/output technique, the AS1113 adds additional functionality to pins SDO, LD and OEN. These
pins provide highly useful functions (open- and shorted-LED detection, over-temperature detection), thus reducing pin
count. Over-temperature detection will work on-the-run, whereas the open- and shorted-LED detection can be used
on-the-run or in low-current diagnostic mode (see page 15).
Figure 7. Block Diagram
AS1113
REXT
OEN
CLK
SDI
LD
Current
Generators
Detailed
Error
Detection
16-Bit Data
Register
16-Bit Shift
Register
Temperature
Detection
16-Bit Open
Detection &
Error Register
16-Bit Short
Detection &
Error Register
Global
Error
Detection
SDO
Indicates 16 Bit Path
Control Logic
+VLED


Similar Part No. - AS1113-BQFR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113-BQFR AMSCO-AS1113-BQFR Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS1113-BQFR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com